データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAP1208 データシート(PDF) 9 Page - Microchip Technology

部品番号 CAP1208
部品情報  8-Channel Capacitive Touch Sensor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 データシート(HTML) 9 Page - Microchip Technology

Back Button CAP1208_15 Datasheet HTML 5Page - Microchip Technology CAP1208_15 Datasheet HTML 6Page - Microchip Technology CAP1208_15 Datasheet HTML 7Page - Microchip Technology CAP1208_15 Datasheet HTML 8Page - Microchip Technology CAP1208_15 Datasheet HTML 9Page - Microchip Technology CAP1208_15 Datasheet HTML 10Page - Microchip Technology CAP1208_15 Datasheet HTML 11Page - Microchip Technology CAP1208_15 Datasheet HTML 12Page - Microchip Technology CAP1208_15 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
 2013-2015 Microchip Technology Inc.
DS00001570C-page 9
CAP1208
Timing
Time to
Communications
Ready
tCOMM_DLY
15
ms
Time to First
Conversion Ready
tCONV_DLY
170
200
ms
I/O Pins
Output Low Voltage
VOL
0.4
V
ISINK_IO = 8mA
Output High Voltage
VOH
VDD -
0.4
VISOURCE_IO = 8mA
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Leakage Current
ILEAK
±5
μA
powered or unpowered
TA < 85°C
pull-up voltage < 3.6V if
unpowered
SMBus Timing
Input Capacitance
CIN
5pF
Clock Frequency
fSMB
10
400
kHz
Spike Suppression
tSP
50
ns
Bus Free Time Stop
to Start
tBUF
1.3
μs
Start Setup Time
tSU:STA
0.6
μs
Start Hold Time
tHD:STA
0.6
μs
Stop Setup Time
tSU:STO
0.6
μs
Data Hold Time
tHD:DAT
0
μs
When transmitting to the master
Data Hold Time
tHD:DAT
0.3
μs
When receiving from the master
Data Setup Time
tSU:DAT
0.6
μs
Clock Low Period
tLOW
1.3
μs
Clock High Period
tHIGH
0.6
μs
Clock / Data Fall
Time
tFALL
300
ns
Min = 20+0.1CLOAD ns
Clock / Data Rise
Time
tRISE
300
ns
Min = 20+0.1CLOAD ns
Capacitive Load
CLOAD
400
pF
per bus line
TABLE 2-2:
ELECTRICAL SPECIFICATIONS (CONTINUED)
VDD = 3V to 5.5V, TA = 0°C to 85°C, all Typical values at TA = 25°C unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Conditions


同様の部品番号 - CAP1208_15

メーカー部品番号データシート部品情報
logo
Microchip Technology
CAP1208-1-A4-TR MICROCHIP-CAP1208-1-A4-TR Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
More results

同様の説明 - CAP1208_15

メーカー部品番号データシート部品情報
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
CAP1188-1-CP-TR MICROCHIP-CAP1188-1-CP-TR Datasheet
1Mb / 93P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
Revision 1.32 01-05-12
logo
SMSC Corporation
CAP1088 SMSC-CAP1088 Datasheet
1Mb / 72P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
logo
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
CAP1128 MICROCHIP-CAP1128 Datasheet
746Kb / 75P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1028 SMSC-CAP1028 Datasheet
1Mb / 71P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
logo
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
   16-channel Capacitive Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com