データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAP1208-2-SL-TR データシート(PDF) 7 Page - Microchip Technology

部品番号 CAP1208-2-SL-TR
部品情報  8-Channel Capacitive Touch Sensor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208-2-SL-TR データシート(HTML) 7 Page - Microchip Technology

Back Button CAP1208-2-SL-TR Datasheet HTML 3Page - Microchip Technology CAP1208-2-SL-TR Datasheet HTML 4Page - Microchip Technology CAP1208-2-SL-TR Datasheet HTML 5Page - Microchip Technology CAP1208-2-SL-TR Datasheet HTML 6Page - Microchip Technology CAP1208-2-SL-TR Datasheet HTML 7Page - Microchip Technology CAP1208-2-SL-TR Datasheet HTML 8Page - Microchip Technology CAP1208-2-SL-TR Datasheet HTML 9Page - Microchip Technology CAP1208-2-SL-TR Datasheet HTML 10Page - Microchip Technology CAP1208-2-SL-TR Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
 2013-2015 Microchip Technology Inc.
DS00001570C-page 7
CAP1208
2.0
ELECTRICAL SPECIFICATIONS
Note 2-1
Stresses above those listed could cause permanent damage to the device. This is a stress rating
only and functional operation of the device at any other condition above those indicated in the
operation sections of this specification is not implied.
Note 2-2
For the 5V tolerant pins that have a pull-up resistor, the voltage difference between V5VT_PIN and VDD
must never exceed 3.6V.
Note 2-3
The Package Power Dissipation specification assumes a recommended thermal via design consisting
of a 2x2 matrix of 0.3mm (12mil) vias at 1.0mm pitch connected to the ground plane with a 1.6 x
1.6mm thermal landing.
Note 2-4
Junction to Ambient (
JA) is dependent on the design of the thermal vias. Without thermal vias and
a thermal landing, the
JA will be higher.
TABLE 2-1:
ABSOLUTE MAXIMUM RATINGS
Voltage on VDD pin
-0.3 to 6.5
V
Voltage on CS pins to GND
-0.3 to 4.0
V
Voltage on 5V tolerant pins (V5VT_PIN)
-0.3 to 5.5
V
Voltage on 5V tolerant pins (|V5VT_PIN - VDD|) (see Note 2-2)
0 to 3.6
V
Input current to any pin except VDD
+10
mA
Output short circuit current
Continuous
N/A
Package Power Dissipation up to TA = 85°C for 16-pin QFN
(see Note 2-3)
0.5
W
Junction to Ambient (
JA) (see Note 2-4)
70
°C/W
Operating Ambient Temperature Range
-40 to 125
°C
Storage Temperature Range
-55 to 150
°C
ESD Rating, All Pins, HBM
8000
V


同様の部品番号 - CAP1208-2-SL-TR

メーカー部品番号データシート部品情報
logo
Microchip Technology
CAP1208-2-A4-TR MICROCHIP-CAP1208-2-A4-TR Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
More results

同様の説明 - CAP1208-2-SL-TR

メーカー部品番号データシート部品情報
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
CAP1188-1-CP-TR MICROCHIP-CAP1188-1-CP-TR Datasheet
1Mb / 93P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
Revision 1.32 01-05-12
logo
SMSC Corporation
CAP1088 SMSC-CAP1088 Datasheet
1Mb / 72P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
logo
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
CAP1128 MICROCHIP-CAP1128 Datasheet
746Kb / 75P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1028 SMSC-CAP1028 Datasheet
1Mb / 71P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
logo
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
   16-channel Capacitive Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com