データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1281 データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1281
部品情報  85 MHz RGB Video Amplifier System with On Screen Display (OSD)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1281 データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LM1281 Datasheet HTML 6Page - National Semiconductor (TI) LM1281 Datasheet HTML 7Page - National Semiconductor (TI) LM1281 Datasheet HTML 8Page - National Semiconductor (TI) LM1281 Datasheet HTML 9Page - National Semiconductor (TI) LM1281 Datasheet HTML 10Page - National Semiconductor (TI) LM1281 Datasheet HTML 11Page - National Semiconductor (TI) LM1281 Datasheet HTML 12Page - National Semiconductor (TI) LM1281 Datasheet HTML 13Page - National Semiconductor (TI) LM1281 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Pin Descriptions
Pin No.
Pin Name
Schematic
Description
1
2
3
Red OSD Input
Green OSD Input
Blue OSD Input
These inputs accept standard TTL inputs. Each
color is either fully on (logic high) or fully off
(logic low). Connect unused pins to ground
with a 47k resistor.
4
Video/OSD Switch
This input accepts a standard TTL input.
H = OSD
L = Video
Connect to ground with a 47k resistor when
not using OSD.
5
8
11
Red Video In
Green Video In
Blue Video In
Video inputs. These inputs must be AC
Coupled with a minimum ofa1µF cap, 10 µF
is preferred. DC restoration is done at these
inputs. A series resistor of about 33
Ω should
also be used.
6
9
V
CC1
Power supply pins (excluding output stage)
7
10
21
Ground
Ground pins. All grounds are internally
connected and must also be connected on the
PCB.
12
V
REF
Pin used for additional filter capacitor to
internal reference. The voltage at this pin is
2.0V.
13
14
26
27
28
Video Contrast
OSD Constrast
Blue Drive
Green Drive
Red Drive
Contrast control pins:
4V — no attenuation
0V — over 60 dB attenuation
Drive control pins:
4V — no attenuation
0V — 12 dB attenuation
15
16
Clamp Gate
Blank Gate
Both pins accept TTL inputs and are active
low. The clamp gate provides DC restoration of
the video signal. The blank gate forces the
video outputs to below 200 mV.
17
19
24
Blue Clamp Cap
Green Clamp Cap
Red Clamp Cap
The external clamp cap is charged and
discharged to the correction voltage needed for
DC restoration. 0.1 µF is the recommended
value.
www.national.com
10


同様の部品番号 - LM1281

メーカー部品番号データシート部品情報
logo
Shenzhen TOPWAY Technol...
LM128128ABY-2 TOPWAY-LM128128ABY-2 Datasheet
682Kb / 11P
   LCD Module User Manual
LM128128CBA TOPWAY-LM128128CBA Datasheet
824Kb / 14P
   LCD Module User Manual
LM128128CBY TOPWAY-LM128128CBY Datasheet
810Kb / 14P
   LCD Module User Manual
LM128128ECW TOPWAY-LM128128ECW Datasheet
589Kb / 9P
   LCD Module User Manual
LM128128EFW TOPWAY-LM128128EFW Datasheet
587Kb / 9P
   LCD Module User Manual
More results

同様の説明 - LM1281

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
   110 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
[Old version datasheet]   VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
logo
National Semiconductor ...
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
LM1205 NSC-LM1205 Datasheet
435Kb / 24P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
logo
Texas Instruments
LM1205A TI1-LM1205A Datasheet
1Mb / 26P
[Old version datasheet]   130 MHz/85 MHz RGB Video Amplifier System with Blanking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com