データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1283 データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1283
部品情報  140 MHz RGB Video Amplifier System with On Screen Display (OSD)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1283 データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LM1283 Datasheet HTML 5Page - National Semiconductor (TI) LM1283 Datasheet HTML 6Page - National Semiconductor (TI) LM1283 Datasheet HTML 7Page - National Semiconductor (TI) LM1283 Datasheet HTML 8Page - National Semiconductor (TI) LM1283 Datasheet HTML 9Page - National Semiconductor (TI) LM1283 Datasheet HTML 10Page - National Semiconductor (TI) LM1283 Datasheet HTML 11Page - National Semiconductor (TI) LM1283 Datasheet HTML 12Page - National Semiconductor (TI) LM1283 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Pin Descriptions (Continued)
Pin No.
Pin Name
Schematic
Description
5
8
11
Red Video In
Green Video In
Blue Video In
Video inputs. These inputs must be AC
Coupled with a minimum ofa1µF cap, 10 µF
is preferred. DC restoration is done at these
inputs. A series resistor of about 33
Ω should
also be used.
6
9
V
CC1
Power supply pins (excluding output stage)
7
10
21
Ground
Ground pins. All grounds are internally
connected and must also be connected on the
PCB.
12
V
REF
Pin used for additional filter capacitor to
internal reference. The voltage at this pin is
2.0V.
13
14
26
27
28
Video Contrast
OSD Constrast
Blue Drive
Green Drive
Red Drive
Contrast control pins:
4V — no attenuation
0V — over 60 dB attenuation
Drive control pins:
4V — no attenuation
0V — 12 dB attenuation
15
16
Clamp Gate
Blank Gate
Both pins accept TTL inputs and are active
low. The clamp gate provides DC restoration of
the video signal. The blank gate forces the
video outputs to below 200 mV.
17
19
24
Blue Clamp Cap
Green Clamp Cap
Red Clamp Cap
The external clamp cap is charged and
discharged to the correction voltage needed for
DC restoration. 0.1 µF is the recommended
value.
18
20
23
Blue Video Out
Green Video Out
Red Video Out
Video output. For proper black level the output
must drive 390
Ω impedance.
22
V
CC2
Power supply pin for the output stage. There
are no internal connections to V
CC1
www.national.com
10


同様の部品番号 - LM1283

メーカー部品番号データシート部品情報
logo
Shenzhen TOPWAY Technol...
LM12832BCA TOPWAY-LM12832BCA Datasheet
535Kb / 10P
   LCD Module User Manual
LM12832BCW TOPWAY-LM12832BCW Datasheet
478Kb / 11P
   LCD Module User Manual
LM12832BFW TOPWAY-LM12832BFW Datasheet
541Kb / 11P
   LCD Module User Manual
LM12832CCA TOPWAY-LM12832CCA Datasheet
813Kb / 13P
   LCD Module User Manual
LM12832CCW TOPWAY-LM12832CCW Datasheet
474Kb / 10P
   LCD Module User Manual
More results

同様の説明 - LM1283

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
   110 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
[Old version datasheet]   VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
logo
National Semiconductor ...
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
logo
Mitsumi Electronics, Co...
MM1381 MITSUMI-MM1381 Datasheet
268Kb / 10P
   RGB Video Amplifier with OSD Input
logo
National Semiconductor ...
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com