データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV431ALPG データシート(PDF) 8 Page - ON Semiconductor

部品番号 TLV431ALPG
部品情報  Low Voltage Precision Adjustable Shunt Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV431ALPG データシート(HTML) 8 Page - ON Semiconductor

Back Button TLV431ALPG Datasheet HTML 4Page - ON Semiconductor TLV431ALPG Datasheet HTML 5Page - ON Semiconductor TLV431ALPG Datasheet HTML 6Page - ON Semiconductor TLV431ALPG Datasheet HTML 7Page - ON Semiconductor TLV431ALPG Datasheet HTML 8Page - ON Semiconductor TLV431ALPG Datasheet HTML 9Page - ON Semiconductor TLV431ALPG Datasheet HTML 10Page - ON Semiconductor TLV431ALPG Datasheet HTML 11Page - ON Semiconductor TLV431ALPG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TLV431A, TLV431B, TLV431C, SCV431B, NCV431
www.onsemi.com
8
Figure 10. Reference Input Voltage Change
versus Cathode Voltage
Figure 11. Off−State Cathode Current
versus Cathode Voltage
Figure 12. Off−State Cathode Current versus
Ambient Temperature
Figure 13. Dynamic Impedance versus
Frequency
Figure 14. Dynamic Impedance versus
Ambient Temperature
Figure 15. Open−Loop Voltage Gain
versus Frequency
VKA, CATHODE VOLTAGE (V)
0
−2.0
−6.0
−8.0
12
8.0
4.0
0
VKA, CATHODE VOLTAGE (V)
20
12
8.0
4.0
0
3.0
2.0
1.0
0
−10
4.0
−4.0
16
TA, AMBIENT TEMPERATURE (°C)
0.4
0.3
35
10
−15
−40
f, FREQUENCY (Hz)
10 M
10 k
1.0 k
0.1
0
10
0.1
100 k
1.0 M
60
85
1.0
TA, AMBIENT TEMPERATURE (°C)
0.23
0.21
0.20
35
10
−15
−40
f, FREQUENCY (Hz)
1.0 M
1.0 k
100
50
40
30
20
10
0
0.19
60
0.22
10 k
100 k
85
60
0.24
Ioff
Input
VKA
VKA = 16 V
Vref = 0 V
Ioff
Input
VKA
VKA = 16 V
Vref = 0 V
IK
Input
VKA
R1
R2
Vref
8.25 k
15 k
IK
230
Output
9
F
m
50
+
Output
IK
+
IK = 10 mA
TA = 25°C
IK = 0.1 mA to 20 mA
TA = 25°C
IK = 10 mA
TA = 25°C
0.2
IK = 0.1 mA to 20 mA
f = 1.0 kHz
50
+
Output
I K
TA = 25°C
16


同様の部品番号 - TLV431ALPG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TLV431ALPG ONSEMI-TLV431ALPG Datasheet
187Kb / 14P
   Low Voltage Precision Adjustable Shunt Regulator
January, 2005 ??Rev. 7
TLV431ALPG ONSEMI-TLV431ALPG Datasheet
193Kb / 15P
   Low Voltage Precision Adjustable Shunt Regulator
November, 2013 ??Rev. 15
TLV431ALPG ONSEMI-TLV431ALPG Datasheet
394Kb / 19P
   Low Voltage Precision Adjustable Shunt Regulator
January, 2020 ??Rev. 26
More results

同様の説明 - TLV431ALPG

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com