データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV431BLPREG データシート(PDF) 6 Page - ON Semiconductor

部品番号 TLV431BLPREG
部品情報  Low Voltage Precision Adjustable Shunt Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV431BLPREG データシート(HTML) 6 Page - ON Semiconductor

Back Button TLV431BLPREG Datasheet HTML 2Page - ON Semiconductor TLV431BLPREG Datasheet HTML 3Page - ON Semiconductor TLV431BLPREG Datasheet HTML 4Page - ON Semiconductor TLV431BLPREG Datasheet HTML 5Page - ON Semiconductor TLV431BLPREG Datasheet HTML 6Page - ON Semiconductor TLV431BLPREG Datasheet HTML 7Page - ON Semiconductor TLV431BLPREG Datasheet HTML 8Page - ON Semiconductor TLV431BLPREG Datasheet HTML 9Page - ON Semiconductor TLV431BLPREG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TLV431A, TLV431B, TLV431C, SCV431B, NCV431
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
SCV431B, NCV431B
Unit
Min
Typ
Max
Reference Voltage (Figure 3)
(VKA = Vref, IK = 10 mA, TA = 25°C)
(TA = *40°C to 85°C)
(TA = *40°C to 125°C)
Vref
1.234
1.228
1.224
1.240
1.246
1.252
1.252
V
Reference Input Voltage Deviation Over Temperature (Figure 3)
(VKA = Vref, IK= 10 mA, TA = *40°C to 85°C, Notes 9, 10)
(VKA = Vref, IK= 10 mA, TA = *40°C to 125°C, Notes 9, 10)
DVref
7.2
7.2
20
24
mV
Ration of Reference Input Voltage Change to Cathode Voltage Change (Figure 4)
(VKA = Vref to 16 V, IK= 10 mA)
DV
ref
DV
KA
−0.6
−1.5
mV
V
Reference Terminal Current (Figure 4)
(IK = 10 mA, R1 = 10 kW, R2 = open)
Iref
0.15
0.3
mA
Reference Input Current Deviation Over Temperature (Figure 4)
(IK = 10 mA, R1 = 10 kW, R2 = open, TA = *40°C to 85°C, Notes 12, 13)
(IK = 10 mA, R1 = 10 kW, R2 = open, TA = *40°C to 125°C, Notes 12, 13)
DIref
0.04
0.08
0.10
mA
Minimum Cathode Current for Regulation (Figure 3)
IK(min)
30
80
mA
Off−State Cathode Current (Figure 5)
(VKA = 6.0 V, Vref = 0)
(VKA = 16 V, Vref = 0)
IK(off)
0.01
0.012
0.04
0.05
mA
Dynamic Impedance (Figure 3)
(VKA = Vref, IK =0.1 mA to 20 mA, f ≤ 1.0 kHz, Note 14)
|ZKA|
0.25
0.4
W
12. Guaranteed but not tested.
13. The deviation parameters
DVref and DIref are defined as the difference between the maximum value and minimum value obtained over the
full operating ambient temperature range that applied.
Vref Max
Vref Min
T1
T2
Ambient Temperature
DVref = Vref Max − Vref Min
DTA = T2 − T1
The average temperature coefficient of the reference input voltage,
aVref is defined as:
αV
ref
ppm
°C +
(
DV
ref
)
V
ref
(T
A +
25
°C)
106
DT
A
aVref can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature, refer to Figure 8.
Example:
DVref = 7.2 mV and the slope is positive,
Example: Vref @ 25°C = 1.241 V
Example:
DTA = 125°C
αV
ref
ppm
°C +
0.0072
1.241
125
+ 46 ppm °C
106
14. The dynamic impedance ZKA is defined as:
⏐Z
KA⏐ +
DV
KA
DI
K
When the device is operating with two external resistors, R1 and R2, (refer to Figure 4) the total dynamic impedance of the circuit is given by:
⏐ZKA′⏐ + ⏐ZKA⏐
1
) R1
R2
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


同様の部品番号 - TLV431BLPREG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TLV431BLPREG ONSEMI-TLV431BLPREG Datasheet
193Kb / 15P
   Low Voltage Precision Adjustable Shunt Regulator
November, 2013 ??Rev. 15
TLV431BLPREG ONSEMI-TLV431BLPREG Datasheet
394Kb / 19P
   Low Voltage Precision Adjustable Shunt Regulator
January, 2020 ??Rev. 26
More results

同様の説明 - TLV431BLPREG

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com