データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYB100 データシート(PDF) 5 Page - Bothhand USA, LP.

部品番号 BYB100
部品情報  Isolated DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BYB100 データシート(HTML) 5 Page - Bothhand USA, LP.

  BYB100 Datasheet HTML 1Page - Bothhand USA, LP. BYB100 Datasheet HTML 2Page - Bothhand USA, LP. BYB100 Datasheet HTML 3Page - Bothhand USA, LP. BYB100 Datasheet HTML 4Page - Bothhand USA, LP. BYB100 Datasheet HTML 5Page - Bothhand USA, LP. BYB100 Datasheet HTML 6Page - Bothhand USA, LP. BYB100 Datasheet HTML 7Page - Bothhand USA, LP. BYB100 Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BOTHHAND
USA
E-mail: sales@bothhand
usa.com
http://www.bothhand
usa.com
Rev:20150720A
Page 5 of 8
Isolated DC-DC Converters
BYB100 Series -- 100Watt
PRELIMINARY
Remote Sense Application circuit
The Remote Sense function is used to compensate for the voltage drop incurred when the load is located physically
far away from the DC/DC converter providing its power. The Remote Sense pins are connected as close to the load as
possible. The DC/DC converter’s regulation specification is maintained across the points where the Remote Sense wires
are connected at the load. This will remove the effect of the voltage drop caused by the resistance of the wires used to
conduct the power from the DC/DC converter to the load. This is represented by RCL1 and RCL2. With the use of Remote
Sense, the effects of RCL1 and RCL2 are eliminated.
If the Remote Sense function is not used, the +Sense has to be connected to +Vout and the –Sense has to be
connected to –Vout as close to the DC/DC converter as possible.
Test Configurations
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
DC Power Supply:
,W RI I H U V D Z L G H Y RO WD J H D Q G F X U U H Q W U D Q J H S U H F L V H O \ 
Current meter (A): Accuracy
   $ a    P $  U D Q J H V    U G J   G L J L WV
    P $ a   $  U D Q J H V    U G J   G L J L WV 
Voltage meter (V): Accuracy
+( 0 .0 3 % r d g + 4 d i g i t s ) .
Load:
A t f u l l l o a d .
Wires: The resistance of the wires must be small.
1. Input voltage range: Narrow input voltage range ²10%
wide input voltage range (2:1 and 4:1
EX: Narrow input voltage range ²10%
5V nominal input
4.5~5.5V
12V nominal input
10.8~13.2V
24V nominal input
21.6~26.4V
RCL1 and RCL2 are line resisters
Load
+Vout
+Vin
-Vin
+Sense
-Sense
-Vout
RCL2
RCL1
RCL1 and RCL2 are line resisters
Load
+Vout
+Vin
-Vin
+Sense
-Sense
-Vout
RCL2
RCL1
Load
+Vout
+Vin
-Vin
+Sense
-Sense
-Vout
RCL2
RCL1
DC
Power Supply
A
V
Load
DC/DC
converter
V
A
DC
Power Supply
A
V
Load
DC/DC
converter
V
A


同様の部品番号 - BYB100

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
BYB100-12S5 BOTHHAND-BYB100-12S5 Datasheet
650Kb / 3P
   Isolated DC-DC Converters
More results

同様の説明 - BYB100

メーカー部品番号データシート部品情報
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com