データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1292 データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1292
部品情報  Video PLL System for Continuous-Sync Monitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1292 データシート(HTML) 1 Page - National Semiconductor (TI)

  LM1292 Datasheet HTML 1Page - National Semiconductor (TI) LM1292 Datasheet HTML 2Page - National Semiconductor (TI) LM1292 Datasheet HTML 3Page - National Semiconductor (TI) LM1292 Datasheet HTML 4Page - National Semiconductor (TI) LM1292 Datasheet HTML 5Page - National Semiconductor (TI) LM1292 Datasheet HTML 6Page - National Semiconductor (TI) LM1292 Datasheet HTML 7Page - National Semiconductor (TI) LM1292 Datasheet HTML 8Page - National Semiconductor (TI) LM1292 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM1292
Video PLL System for Continuous-Sync Monitors
General Description
The LM1292 is a very low jitter, integrated horizontal time
base solution specifically designed to operate in high perfor-
mance, continuous-sync video monitors. It automatically
synchronizes to any H frequency from 22 kHz to 125 kHz
and provides the drive pulse to the high power deflection cir-
cuit.
Available sync processing includes a vertical sync separator
and a composite video sync stripper. An internal sync selec-
tion scheme gives highest priority to separate H and V sync,
then composite sync, and finally sync on video; no external
switching between sync sources is necessary. The LM1292
provides polarity-normalized H/HV and V sync outputs.
The
LM1292
design
uses
an
on-chip
FVC
(Frequency-to-Voltage Converter) to set the center fre-
quency of the VCO (Voltage-Controlled Oscillator). This
technique allows autosync operation over the entire fre-
quency range using just one optimized set of external com-
ponents.
The system includes a second phase detector which com-
pensates for storage time variation in the horizontal output
transistor; the picture’s horizontal position is thus indepen-
dent of temperature and component variance.
The LM1292 provides DC control pins for H Drive duty cycle
and flyback phase.
Features
n Wide continuous autosync range — 22 kHz–125 kHz
(1:5.7) with no component switching or external
adjustments
n No manufacturing trims required — internal VCO
capacitor trimmed on chip
n No costly high-precision components needed
n Very low phase jitter (below 800 ps at 125 kHz)
n DC controlled H phase and duty cycle
n Video mute pulse for blanking during H frequency
transitions
n Input sync prioritization
n Clamp pulse position and width control
n Continuous clamp pulse output, even with no sync input
n Resistor-programmable minimum and maximum VCO
frequency
n X-ray input disables H drive and mutes video until VCC
powered down
n H drive disabled for VCC < 9.5V
n Horizontal output transistor protected against accidental
turn-on during flyback
n Capacitor-programmable frequency ramping, df vco/dt,
protects H output transistor during scanning mode
changes
Connection Diagram
DS012844-1
FIGURE 1. Order Number LM1292N
See NS Package Number N28B
April 1999
© 1999 National Semiconductor Corporation
DS012844
www.national.com


同様の部品番号 - LM1292

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LM129 LINER-LM129 Datasheet
179Kb / 4P
   6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
125Kb / 4P
   6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
166Kb / 8P
   6.9V Precision Voltage Reference
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
More results

同様の説明 - LM1292

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1291 NSC-LM1291 Datasheet
205Kb / 12P
   Video PLL System for Continuous-Sync Monitors
LM1295 NSC-LM1295 Datasheet
253Kb / 11P
   DC Controlled Geometry Correction System for Continuous Sync Monitors
logo
TEMIC Semiconductors
U2203B TEMIC-U2203B Datasheet
106Kb / 7P
   RGB Video Amplifier System for Monitors
logo
NXP Semiconductors
TDA4810 PHILIPS-TDA4810 Datasheet
968Kb / 14P
   SYNC PROCESSOR AND HORIZONTAL DRIVE FOR MONITORS
May 1991
logo
National Semiconductor ...
LM1823 NSC-LM1823 Datasheet
510Kb / 7P
   VIDEO IF AMPLIFIER/PLL DETECTOR SYSTEM
logo
List of Unclassifed Man...
VNM-EDGE2 ETC2-VNM-EDGE2 Datasheet
976Kb / 6P
   Video Quality Monitors
logo
NXP Semiconductors
TDA4820T PHILIPS-TDA4820T Datasheet
63Kb / 10P
   Sync separation circuit for video applications
June 1990
logo
Toshiba Semiconductor
TA1270BF TOSHIBA-TA1270BF Datasheet
1Mb / 38P
   PAL/NTSC VIDEO AND CHROMA SYNC PROCESSING SYSTEM FOR PIP/POP/PAP
TA1270BFG TOSHIBA-TA1270BFG Datasheet
1Mb / 39P
   PAL / NTSC VIDEO CHROMA AND SYNC PROCESSING SYSTEM FOR PIP / POP / PAP
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com