データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1295N データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1295N
部品情報  DC Controlled Geometry Correction System for Continuous Sync Monitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1295N データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1295N Datasheet HTML 3Page - National Semiconductor (TI) LM1295N Datasheet HTML 4Page - National Semiconductor (TI) LM1295N Datasheet HTML 5Page - National Semiconductor (TI) LM1295N Datasheet HTML 6Page - National Semiconductor (TI) LM1295N Datasheet HTML 7Page - National Semiconductor (TI) LM1295N Datasheet HTML 8Page - National Semiconductor (TI) LM1295N Datasheet HTML 9Page - National Semiconductor (TI) LM1295N Datasheet HTML 10Page - National Semiconductor (TI) LM1295N Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL
COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and
whose failure to perform when properly used in
accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a
significant injury to the user.
2. A critical component is any component of a life
support device or system whose failure to perform
can be reasonably expected to cause the failure of
the life support device or system, or to affect its
safety or effectiveness.
National Semiconductor
Corporation
Americas
Tel: 1-800-272-9959
Fax: 1-800-737-7018
Email: support@nsc.com
National Semiconductor
Europe
Fax: +49 (0) 1 80-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 1 80-530 85 85
English
Tel: +49 (0) 1 80-532 78 32
Français Tel: +49 (0) 1 80-532 93 58
Italiano
Tel: +49 (0) 1 80-534 16 80
National Semiconductor
Asia Pacific Customer
Response Group
Tel: 65-2544466
Fax: 65-2504466
Email: sea.support@nsc.com
National Semiconductor
Japan Ltd.
Tel: 81-3-5639-7560
Fax: 81-3-5639-7507
www.national.com
24-Lead (0.300" Wide) Molded Dual-In-Line Package
Order Number LM1295N
NS Package Number N24C
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


同様の部品番号 - LM1295N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LM129 LINER-LM129 Datasheet
179Kb / 4P
   6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
125Kb / 4P
   6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
166Kb / 8P
   6.9V Precision Voltage Reference
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
More results

同様の説明 - LM1295N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1291 NSC-LM1291 Datasheet
205Kb / 12P
   Video PLL System for Continuous-Sync Monitors
LM1292 NSC-LM1292 Datasheet
217Kb / 10P
   Video PLL System for Continuous-Sync Monitors
LM1296 NSC-LM1296 Datasheet
236Kb / 10P
   Raster Geometry Correction System for Multi-Frequency Displays
logo
Asahi Kasei Microsystem...
AK2345 AKM-AK2345 Datasheet
1Mb / 27P
   CTCSS(Continuous Tone Controlled Squelch System
logo
NXP Semiconductors
TDA4810 PHILIPS-TDA4810 Datasheet
968Kb / 14P
   SYNC PROCESSOR AND HORIZONTAL DRIVE FOR MONITORS
May 1991
logo
TEMIC Semiconductors
U2203B TEMIC-U2203B Datasheet
106Kb / 7P
   RGB Video Amplifier System for Monitors
logo
Sanyo Semicon Device
LC7070N SANYO-LC7070N Datasheet
195Kb / 8P
   Sync and Error Detection & Correction LSIs for RDS
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
   Power Factor Correction Continuous Conduction Mode Controller
logo
STMicroelectronics
STV9306A STMICROELECTRONICS-STV9306A Datasheet
762Kb / 16P
   Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com