データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI8401DB-T1-E3 データシート(PDF) 5 Page - Vishay Siliconix

部品番号 SI8401DB-T1-E3
部品情報  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8401DB-T1-E3 データシート(HTML) 5 Page - Vishay Siliconix

  SI8401DB-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI8401DB-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI8401DB-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI8401DB-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI8401DB-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Si8401DB
Vishay Siliconix
Document Number: 71674
S-40384—Rev. F, 01-Mar-04
www.vishay.com
5
PACKAGE OUTLINE
MICRO FOOT: 4-BUMP (2 X 2, 0.8-mm PITCH)
NOTES (Unless Otherwise Specified):
1.
Laser mark on the silicon die back, coated with a thin metal.
2.
Bumps are Eutectic solder 63/57 Sn/Pb. (Sn 3.8 Ag, 0.7 Cu for Pb-free bumps)
3.
Non-solder mask defined copper landing pad.
4.
The flat side of wafers is oriented at the bottom.
Bump Note 2
8401
XXX
Recommended Land
Mark on Backside of Die
Silicon
4
O 0.30 X 0.31
Note 3
Solder Mask O X 0.40
b Diamerter
e
e
A
A2
A1
e
S
D
e
S
E
MILLIMETERS*
INCHES
Dim
Min
Max
Min
Max
A
0.600
0.650
0.0236
0.0256
A1
0.260
0.290
0.0102
0.0114
A2
0.340
0.360
0.0134
0.0142
b
0.370
0.410
0.0146
0.0161
D
1.520
1.600
0.0598
0.0630
E
1.520
1.600
0.0598
0.0630
e
0.750
0.850
0.0295
0.0335
S
0.370
0.380
0.0146
0.0150
* Use millimeters as the primary measurement.


同様の部品番号 - SI8401DB-T1-E3

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si8401AA-B-IS SILABS-Si8401AA-B-IS Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Si8401AA-B-IS SILABS-Si8401AA-B-IS Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Skyworks Solutions Inc.
SI8401AA-B-IS SKYWORKS-SI8401AA-B-IS Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Revision 0.1 to Revision 1.0
logo
Silicon Laboratories
Si8401AB-B-IS SILABS-Si8401AB-B-IS Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Si8401AB-B-IS SILABS-Si8401AB-B-IS Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
More results

同様の説明 - SI8401DB-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com