データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12CLK データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM12CLK
部品情報  80W Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12CLK データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LM12CLK Datasheet HTML 6Page - National Semiconductor (TI) LM12CLK Datasheet HTML 7Page - National Semiconductor (TI) LM12CLK Datasheet HTML 8Page - National Semiconductor (TI) LM12CLK Datasheet HTML 9Page - National Semiconductor (TI) LM12CLK Datasheet HTML 10Page - National Semiconductor (TI) LM12CLK Datasheet HTML 11Page - National Semiconductor (TI) LM12CLK Datasheet HTML 12Page - National Semiconductor (TI) LM12CLK Datasheet HTML 13Page - National Semiconductor (TI) LM12CLK Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application Information (Continued)
VOLTAGE REGULATORS
An op amp can be used as a positive or negative regulator.
Unlike most regulators, it can sink current to absorb energy
dumped back into the output. This positive regulator has a
0–50V output range.
Dual supplies are not required to use an op amp as a voltage
regulator if zero output is not required. This 4V to 50V regu-
lator operates from a single supply. Should the op amp not
be able to absorb enough energy to control an overvoltage
condition, a SCR will crowbar the output.
REMOTE SENSING
Remote sensing as shown above allows the op amp to cor-
rect for dc drops in cables connecting the load. Even so,
cable drop will affect transient response. Degradation can be
minimized by using twisted, heavy-gauge wires on the out-
put line. Normally, common and one input are connected to-
gether at the sending end.
AUDIO AMPLIFIERS
A power amplifier suitable for use in high-quality audio equip-
ment is shown above. Harmonic distortion is about
0.01-percent. Intermodulation distortion (60 Hz/7 kHz, 4:1)
measured 0.015-percent. Transient response and saturation
recovery are clean, and the 9 V/µs slew rate of the LM12 vir-
tually eliminates transient intermodulation distortion. Using
separate amplifiers to drive low- and high-frequency speak-
ers gets rid of high-level crossover networks and attenua-
tors. Further, it prevents clipping on the low-frequency chan-
nel from distorting the high frequencies.
DETERMINING MAXIMUM DISSIPATION
It is a simple matter to establish power requirements for an
op amp driving a resistive load at frequencies well below
10 Hz. Maximum dissipation occurs when the output is at
one-half the supply voltage with high-line conditions. The in-
dividual output transistors must be rated to handle this power
continuously at the maximum expected case temperature.
The power rating is limited by the maximum junction tem-
perature as determined by
T
J = TC +PDISS θJC,
where T
C is the case temperature as measured at the center
of the package bottom, P
DISS is the maximum power dissipa-
tion and
θ
JC is the thermal resistance at the operating volt-
age of the output transistor. Recommended maximum junc-
tion temperatures are 200˚C within the power transistor and
150˚C for the control circuitry.
If there is ripple on the supply bus, it is valid to use the aver-
age value in worst-case calculations as long as the peak rat-
ing of the power transistor is not exceeded at the ripple peak.
With 120 Hz ripple, this is 1.5 times the continuous power
rating.
Dissipation requirements are not so easily established with
time varying output signals, especially with reactive loads.
Both peak and continuous dissipation ratings must be taken
into account, and these depend on the signal waveform as
well as load characteristics.
With a sine wave output, analysis is fairly straightforward.
With supply voltages of ±V
S, the maximum average power
dissipation of both output transistors is
DS008704-22
DS008704-23
DS008704-24
DS008704-25
www.national.com
10


同様の部品番号 - LM12CLK

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM12 TI1-LM12 Datasheet
425Kb / 18P
[Old version datasheet]   LM12CL 80W Operational Amplifier
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Seme LAB
LM120 SEME-LAB-LM120 Datasheet
41Kb / 5P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM120 SEMTECH_ELEC-LM120 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Texas Instruments
LM120 TI-LM120 Datasheet
1Mb / 22P
[Old version datasheet]   LM120/LM320-N Series 3-Terminal Negative Regulators
More results

同様の説明 - LM12CLK

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM12 TI1-LM12 Datasheet
425Kb / 18P
[Old version datasheet]   LM12CL 80W Operational Amplifier
logo
NEC
UPC1298V NEC-UPC1298V Datasheet
300Kb / 9P
   50 TO 80W POWER AMPLIFIER DRIVER
logo
Sanyo Semicon Device
STK4221II SANYO-STK4221II Datasheet
146Kb / 5P
   AF Power Amplifier (Split Power Supply) (80W 80W min, THD = 0.4%)
STK405-120 SANYO-STK405-120 Datasheet
151Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 80W 80W min, THD =10%????????????
logo
Qorvo, Inc
QPM2239 QORVO-QPM2239 Datasheet
847Kb / 18P
   13 ??15.5GHz 80W GaN Power Amplifier Module
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com