データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST92185B3BJ1 データシート(PDF) 9 Page - STMicroelectronics

部品番号 ST92185B3BJ1
部品情報  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
Download  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3BJ1 データシート(HTML) 9 Page - STMicroelectronics

Back Button ST92185B3BJ1 Datasheet HTML 5Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 6Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 7Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 8Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 9Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 10Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 11Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 12Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 178 page
background image
9/178
ST92185B - GENERAL DESCRIPTION
1.2 PIN DESCRIPTION
RESET
Reset (input, active low). The ST9+ is ini-
tialised by the Reset signal. With the deactivation
of RESET, program execution begins from the
Program memory location pointed to by the vector
contained in program memory locations 00h and
01h.
R/G/B
Red/Green/Blue. Video color analog DAC
outputs.
FB
Fast Blanking. Video analog DAC output.
VDD Main power supply voltage (5V±10%, digital)
VPP: On EPROM/OTP devices, VPP is the pro-
gramming voltage pin. VPP should be tied to GND
in user mode.
MCFM Analog pin for the display pixel frequency
multiplier.
OSCIN, OSCOUT
Oscillator (input and output).
These pins connect a parallel-resonant crystal
(24MHz maximum), or an external source to the
on-chip clock oscillator and buffer. OSCIN is the
input of the oscillator inverter and internal clock
generator; OSCOUT is the output of the oscillator
inverter.
VSYNC
Vertical Sync. Vertical video synchronisa-
tion input to OSD. Positive or negative polarity.
HSYNC/CSYNC
Horizontal/Composite sync. Hori-
zontal or composite video synchronisation input to
OSD. Positive or negative polarity.
PXFM Analog pin for the Display Pixel Frequency
Multiplier
AVDD3
Analog VDD of PLL. This pin must be tied
to VDD externally.
GND Digital circuit ground.
AGND Analog circuit ground (must be tied exter-
nally to digital GND).
AVDD1, AVDD2 Analog power supplies (must be
tied externally to VDD).
CVBSO, JTDO, JTCK, JTMS Test pins: leave
floating.
TEST0 Test pin: must be tied to AVDD2.
JTRST0 Test pin: must be tied to GND.
Figure 2. 56-Pin Package Pin-Out
INT7/P2.0
RESET
P0.7
P0.6
P0.5
P0.4
P0.3
AIN4/P0.2
P0.1
P0.0
CSO/RESET0/P3.7
P3.6
P3.5
P3.4
B
G
R
FB
SDI/SDO/P5.1
SCK/INT2/P5.0
VDD
JTDO
N.C
VPP
AVDD3
TEST0
MCFM
JTCK
P2.1/INT5/AIN1
P2.2/INT0/AIN2
P2.3/INT6/VS01
P2.4/NMI
P2.5/AIN3/INT4/VS02
OSCIN
OSCOUT
P4.7/PWM7/EXTRG/STOUT
P4.6/PWM6
P4.5/PWM5
P4.4/PWM4
P4.3/PWM3/TSLU/HT
P4.2/PWM2
P4.1/PWM1
P4.0/PWM0
VSYNC
HSYNC/CSYNC
AVDD1
PXFM
JTRSTO
GND
AGND
N.C
N.C
JTMS
AVDD2
CVBSO
N.C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29


同様の部品番号 - ST92185B3BJ1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST92124CR1Q6 STMICROELECTRONICS-ST92124CR1Q6 Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
ST92124CR1Q6 STMICROELECTRONICS-ST92124CR1Q6 Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
ST92124CR1QB STMICROELECTRONICS-ST92124CR1QB Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
ST92124CR1QB STMICROELECTRONICS-ST92124CR1QB Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
ST92124CR1QC STMICROELECTRONICS-ST92124CR1QC Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
More results

同様の説明 - ST92185B3BJ1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST9294 STMICROELECTRONICS-ST9294 Datasheet
99Kb / 6P
   24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
   16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92195D STMICROELECTRONICS-ST92195D Datasheet
2Mb / 249P
   48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
ST92R195B STMICROELECTRONICS-ST92R195B Datasheet
109Kb / 18P
   ROMLESS HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST9293 STMICROELECTRONICS-ST9293 Datasheet
66Kb / 4P
   48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
ST9040 STMICROELECTRONICS-ST9040 Datasheet
481Kb / 56P
   16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
logo
Sanyo Semicon Device
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
logo
STMicroelectronics
ST10C167 STMICROELECTRONICS-ST10C167 Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
logo
Sanyo Semicon Device
LC875932A SANYO-LC875932A Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com