データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC709501F データシート(PDF) 11 Page - ON Semiconductor

部品番号 LC709501F
部品情報  Power Bank Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709501F データシート(HTML) 11 Page - ON Semiconductor

Back Button LC709501F Datasheet HTML 7Page - ON Semiconductor LC709501F Datasheet HTML 8Page - ON Semiconductor LC709501F Datasheet HTML 9Page - ON Semiconductor LC709501F Datasheet HTML 10Page - ON Semiconductor LC709501F Datasheet HTML 11Page - ON Semiconductor LC709501F Datasheet HTML 12Page - ON Semiconductor LC709501F Datasheet HTML 13Page - ON Semiconductor LC709501F Datasheet HTML 14Page - ON Semiconductor LC709501F Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LC709501F
www.onsemi.com
11
USB Support
This device allows 2 or 3 USB ports for Power Bank application.
The USB port functions will vary by writing of prepared
Firmware. The Firmware is distinguished by the Firmware
number which is called FW01, FW02, FW05, and FW06.
 FW01 (Planning)
Micro-B input, Type-A output
2-ch, Quick Charge 3.0
HVDCP, Boost auto start-up, External Boost-IC,
Portable device communication. Displays Power Bank battery
information on smartphones. USB 2.0 Full Speed Host
Controller.
 FW02 (Released)
Micro-B input, Type-A output
2-ch, Quick Charge 3.0
HVDCP, Boost auto start-up, External Boost-IC.
 FW05 (Released)
Type-C DRP, Type-A output, Quick Charge 3.0 HVDCP,
Boost auto start-up, External Boost-IC.
 FW06 (Planning)
Supports USB-PD
The Relationship between the Firmware and the USB port
functions is shown in Table 4 and Figures 6, 7, and 8. USB1+/
port of FW01/FW02 is a power sink. This port is an input for
Buck charge. And it contains functions of BC1.2 and divided
mode. USB2+/
 port is a power source. This port is an output for
Boost charge. Portable device communication and Quick Charge
3.0 are only enabled in USB2+/
 port. Another power source
that is Type-A (2) is boosted by an external Boost-IC. This
device runs the Boost-IC when it detects the plug insertion to
Type-A (2).
USB1+/- port of FW05 is fully TCPCI compliant. It is capable of
controlling BC1.2 as well up to external port control IC (for USB
Type-C implementations). The port can be dual-role, upward-
facing, or downward-facing.
The firmware can be downloaded from the homepage of ON
Semiconductor. Please refer to an application note for the writing
tool.
Buck charge mode: Built-in battery charging via USB.
Boost charge mode: Charging the device from built-in battery via USB.
Table 4 Firmware vs USB functions
Firmware
Ports
Buck
Charge
Boost
Charge
USB
Portable device
Communication
Quick Charge
3.0 HVDCP
Divided
Mode1-3
Boost auto
start-up
external
Boost-IC
FW01
(Planning)
USB1+/USB1-
Type-B
USB2+/USB2-
Type-A (1)
Type-A (2)
FW02
(Released)
USB1+/USB1-
Type-B
USB2+/USB2-
Type-A (1)
Type-A (2)
FW05
(Released)
USB1+/USB1-
Type-C
DRP
(Source mode)
(Sink mode)
(Note)
Type-A (2)
Note) Port control IC detects the Sink connection.
Figure 6: The function of FW01 & FW02


同様の部品番号 - LC709501F

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC709501F ONSEMI-LC709501F Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
LC709501FQD-A00TXG ONSEMI-LC709501FQD-A00TXG Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
LC709501F ONSEMI-LC709501F_17 Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
More results

同様の説明 - LC709501F

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC709501F ONSEMI-LC709501F_17 Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
LC709511F ONSEMI-LC709511F Datasheet
530Kb / 25P
   Power Bank Controller
April 2017 - Rev. 0
logo
NTE Electronics
57-PB1 NTE-57-PB1 Datasheet
266Kb / 1P
   Power Bank
logo
Holtek Semiconductor In...
HT45F4MA HOLTEK-HT45F4MA Datasheet
5Mb / 145P
   Power Bank Flash MCU
HT45F4N HOLTEK-HT45F4N Datasheet
7Mb / 170P
   Power Bank Flash MCU
logo
ATMEL Corporation
AT91SAM9G45PRE ATMEL-AT91SAM9G45PRE Datasheet
19Mb / 1218P
   DDR2 Controller 4-bank DDR2/LPDDR, SDRAM/LPSDR
logo
Active-Semi, Inc
ACT2813 ACTIVE-SEMI-ACT2813_15 Datasheet
645Kb / 23P
   5V/2.4A Power Bank Solution
Rev 2, 19-May-15
logo
Holtek Semiconductor In...
HT45F5N HOLTEK-HT45F5N Datasheet
7Mb / 202P
   Power Bank ASSP Flash MCU
logo
Active-Semi, Inc
ACT2813 ACTIVE-SEMI-ACT2813 Datasheet
646Kb / 23P
   5V/2.4A Power Bank Solution
Rev 2, 19-May-15
logo
A-Data Technology
AE400 A-DATA-AE400 Datasheet
3Mb / 2P
   Wireless storage reader and power bank
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com