データシートサーチシステム |
|
LM324DTBG データシート(PDF) 1 Page - ON Semiconductor |
|
LM324DTBG データシート(HTML) 1 Page - ON Semiconductor |
1 / 14 page © Semiconductor Components Industries, LLC, 2016 October, 2016 − Rev. 29 1 Publication Order Number: LM324/D LM324, LM324A, LM324E, LM224, LM2902, LM2902E, LM2902V, NCV2902 Single Supply Quad Operational Amplifiers The LM324 series are low−cost, quad operational amplifiers with true differential inputs. They have several distinct advantages over standard operational amplifier types in single supply applications. The quad amplifier can operate at supply voltages as low as 3.0 V or as high as 32 V with quiescent currents about one−fifth of those associated with the MC1741 (on a per amplifier basis). The common mode input range includes the negative supply, thereby eliminating the necessity for external biasing components in many applications. The output voltage range also includes the negative power supply voltage. Features • Short Circuited Protected Outputs • True Differential Input Stage • Single Supply Operation: 3.0 V to 32 V • Low Input Bias Currents: 100 nA Maximum (LM324A) • Four Amplifiers Per Package • Internally Compensated • Common Mode Range Extends to Negative Supply • Industry Standard Pinouts • ESD Clamps on the Inputs Increase Ruggedness without Affecting Device Operation • NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable • These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant PDIP−14 N SUFFIX CASE 646 1 14 SOIC−14 D SUFFIX CASE 751A 1 14 PIN CONNECTIONS 8 Out 4 Inputs 4 VEE, GND Inputs 3 Out 3 9 10 11 12 13 14 2 Out 1 VCC Out 2 1 3 4 5 6 7 * ) Inputs 1 Inputs 2 (Top View) 4 23 1 ) * * ) ) * See general marking information in the device marking section on page 11 of this data sheet. DEVICE MARKING INFORMATION See detailed ordering and shipping information in the package dimensions section on page 10 of this data sheet. ORDERING INFORMATION 1 14 TSSOP−14 DTB SUFFIX CASE 948G www.onsemi.com |
同様の部品番号 - LM324DTBG |
|
同様の説明 - LM324DTBG |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |