データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM358FV-E2 データシート(PDF) 4 Page - Rohm

部品番号 LM358FV-E2
部品情報  Ground Sense Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

LM358FV-E2 データシート(HTML) 4 Page - Rohm

  LM358FV-E2 Datasheet HTML 1Page - Rohm LM358FV-E2 Datasheet HTML 2Page - Rohm LM358FV-E2 Datasheet HTML 3Page - Rohm LM358FV-E2 Datasheet HTML 4Page - Rohm LM358FV-E2 Datasheet HTML 5Page - Rohm LM358FV-E2 Datasheet HTML 6Page - Rohm LM358FV-E2 Datasheet HTML 7Page - Rohm LM358FV-E2 Datasheet HTML 8Page - Rohm LM358FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200190-1-2
©2015 ROHM Co., Ltd. All rights reserved.
4/44
01.Aug.2016 Rev.005
TSZ22111・15・001
LM358xxx
LM324xxx
LM2904xxx
LM2902xxx
Electrical Characteristics - continued
LM324xxx, LM2902xxx (Unless otherwise specified VCC=+5V, VEE=0V)
Parameter
Symbol Temperature
Range
Limits
Unit
Condition
Min
Typ
Max
Input Offset Voltage(Note 16,17)
VIO
25°C
-
1
4.5
mV
VOUT=1.4V
Full Range
-
-
5
VCC=5 to 30V, VOUT=1.4V
Input Offset Voltage Drift(Note 17)
∆VIO/∆T
-
-
6
-
μV/°C VOUT=1.4V
Input Offset Current(Note 16,17)
IIO
25°C
-
2
50
nA
VOUT=1.4V
Full Range
-
-
200
Input Bias Current(Note 16,17)
IB
25°C
-
20
250
nA
VOUT=1.4V
Full Range
-
-
300
Supply Current(Note 17)
ICC
25°C
-
1
2
mA
RL=∞, All Op-Amps
Full Range
-
-
2.5
Maximum Output Voltage (High)(Note 17)
VOH
25°C
3.5
-
-
V
RL=2kΩ
Full Range
27
28
-
VCC=30V, RL=10kΩ
Maximum Output Voltage (Low)(Note 17)
VOL
Full Range
-
5
20
mV
RL=∞
Large Signal Voltage Gain
AV
25°C
25
100
-
V/mV R
L
2kΩ, VCC=15V
VOUT=1.4 to 11.4V
88
100
-
dB
Input Common-mode Voltage Range
VICM
25°C
0
-
3.5
V
VICM=VEE to (VCC-1.5V)
VOUT=1.4V
Input Common-mode Voltage Range
(VEE side) (Note 18)
VICM
Full Range
-
0.1
-
V
VOUT=1.4V
Common-mode Rejection Ratio
CMRR
25°C
70
80
-
dB
VOUT=1.4V
Power Supply Rejection Ratio
PSRR
25°C
65
100
-
dB
VCC=5 to 30V
Output Source Current(Note 17,19)
ISOURCE
25°C
20
30
-
mA
V+IN=1V, V-IN=0V
VOUT=0V, Short Current
Full Range
10
-
-
Output Sink Current(Note 17,19)
ISINK
25°C
20
27
-
mA
V+IN=0V, V-IN=1V
VOUT=5V, Short Current
Full Range
5
-
-
25°C
20
50
-
μA
V+IN=0V, V-IN=1V
VOUT=200mV
Channel Separation
CS
25°C
-
120
-
dB
f=1kHz, Input Referred
Slew Rate
SR
25°C
-
0.3
-
V/μs
VCC=15V, Av=0dB
RL=2kΩ, CL=100pF
Gain Bandwidth
GBW
25°C
-
0.8
-
MHz V
CC
=15V, VEE=-15V
RL=2kΩ, CL=100pF
Phase Margin
θ
25°C
-
80
-
deg
Av=40dB
Input Referred Noise Voltage
VN
25°C
-
40
-
Hz
nV/
VCC=15V, VEE=-15V
RS=100Ω, VIN=0V, f=1kHz
(Note 16) Absolute value
(Note 17) LM324xxx Full Range: TA=-40
C to +85C, LM2902xxx Full Range: TA=-40C to +125C
(Note 18) LM2902xxx only.
(Note 19) Consider the power dissipation of the IC under high temperature when selecting the output current value.
There may be a case where the output current value is reduced due to the rise in IC temperature caused by the heat generated inside the IC.


同様の部品番号 - LM358FV-E2

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
LM358F KEC-LM358F Datasheet
379Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

同様の説明 - LM358FV-E2

メーカー部品番号データシート部品情報
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com