データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA2902FV データシート(PDF) 5 Page - Rohm

部品番号 BA2902FV
部品情報  Ground Sense Operational Amplifiers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA2902FV データシート(HTML) 5 Page - Rohm

  BA2902FV Datasheet HTML 1Page - Rohm BA2902FV Datasheet HTML 2Page - Rohm BA2902FV Datasheet HTML 3Page - Rohm BA2902FV Datasheet HTML 4Page - Rohm BA2902FV Datasheet HTML 5Page - Rohm BA2902FV Datasheet HTML 6Page - Rohm BA2902FV Datasheet HTML 7Page - Rohm BA2902FV Datasheet HTML 8Page - Rohm BA2902FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
5/52
23.Jan.2014 Rev.003
TSZ22111・15・001
BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx
BA2902xx, BA2902Sxx
Absolute Maximum Ratings (TA=25°C)
○BA2904, BA2902
Parameter
Symbol
Ratings
Unit
BA2904S
BA2902S
BA2904, BA2904W
BA2902
Supply Voltage
VCC-VEE
+36
V
Power dissipation
PD
SOP8
775
(Note 10,15)
mW
SSOP-B8
625
(Note 11,15)
MSOP8
600
(Note 12,15)
SOP14
560
(Note 13,15)
SSOP-B14
870
(Note 14,15)
Differential Input Voltage
(Note 16)
VID
+36
V
Input Common-mode Voltage Range
VICM
(VEE-0.3) to (VEE+36)
V
Input Current
(Note 17)
II
-10
mA
Wide Operating Supply Voltage
Vopr
+3.0 to +36.0
V
Operating Temperature Range
Topr
-40 to +105
-40 to +125
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Maximum Junction Temperature
TJmax
+150
°C
(Note 10) To use at temperature above TA=25°C reduce 6.2mW.
(Note 11) To use at temperature above TA=25°C reduce 5.0mW.
(Note 12) To use at temperature above TA=25°C reduce 4.8mW.
(Note 13) To use at temperature above TA=25°C reduce 4.5mW.
(Note 14) To use at temperature above TA=25°C reduce 7.0mW.
(Note 15) Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%).
(Note 16) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(Note 17) An excessive input current will flow when input voltages of less than VEE-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.


同様の部品番号 - BA2902FV

メーカー部品番号データシート部品情報
logo
Rohm
BA2902FV ROHM-BA2902FV	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2902FV ROHM-BA2902FV Datasheet
325Kb / 6P
   GROUND SENSE QUAD OPERATIONAL AMPLIFIERS
BA2902FV ROHM-BA2902FV Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2902FV ROHM-BA2902FV Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA2902FV ROHM-BA2902FV Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results

同様の説明 - BA2902FV

メーカー部品番号データシート部品情報
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com