データシートサーチシステム |
|
LM324FJ-E2 データシート(PDF) 3 Page - Rohm |
|
LM324FJ-E2 データシート(HTML) 3 Page - Rohm |
3 / 48 page Datasheet www.rohm.com TSZ02201-0GMG0G200190-1-2 ©2015 ROHM Co., Ltd. All rights reserved. 3/44 01.Aug.2016 Rev.005 TSZ22111・15・001 LM358xxx LM324xxx LM2904xxx LM2902xxx Electrical Characteristics ○ LM358xxx, LM2904xxx (Unless otherwise specified VCC=+5V, VEE=0V) Parameter Symbol Temperature Range Limits Unit Condition Min Typ Max Input Offset Voltage(Note 12,13) VIO 25°C - 1 4.5 mV VOUT=1.4V Full Range - - 5 VCC=5 to 30V, VOUT=1.4V Input Offset Voltage Drift(Note 12) ∆VIO/∆T - - 6 - μV/°C VOUT=1.4V Input Offset Current(Note 12,13) IIO 25°C - 2 50 nA VOUT=1.4V Full Range - - 200 Input Bias Current(Note 12,13) IB 25°C - 20 250 nA VOUT=1.4V Full Range - - 300 Supply Current(Note 13) ICC 25°C - 0.6 1.2 mA RL=∞, All Op-Amps Full Range - - 1.5 Maximum Output Voltage (High)(Note 13) VOH 25°C 3.5 - - V RL=2kΩ Full Range 27 28 - VCC=30V, RL=10kΩ Maximum Output Voltage (Low)(Note 13) VOL Full Range - 5 20 mV RL=∞ Large Signal Voltage Gain AV 25°C 25 100 - V/mV R L≧ 2kΩ, VCC=15V VOUT=1.4 to 11.4V 88 100 - dB Input Common-mode Voltage Range VICM 25°C 0 - 3.5 V VICM=VEE to (VCC-1.5V) VOUT=1.4V Input Common-mode Voltage Range (VEE side) (Note 14) VICM Full Range - 0.1 - V VOUT=1.4V Common-mode Rejection Ratio CMRR 25°C 70 80 - dB VOUT=1.4V Power Supply Rejection Ratio PSRR 25°C 65 100 - dB VCC=5 to 30V Output Source Current(Note 13,15) ISOURCE 25°C 20 30 - mA V+IN=1V, V-IN=0V VOUT=0V, Short Current Full Range 10 - - Output Sink Current(Note 13,15) ISINK 25°C 20 27 - mA V+IN=0V, V-IN=1V VOUT=5V, Short Current Full Range 5 - - 25°C 20 50 - μA V+IN=0V, V-IN=1V VOUT=200mV Channel Separation CS 25°C - 120 - dB f=1kHz, Input Referred Slew Rate SR 25°C - 0.3 - V/μs VCC=15V, Av=0dB RL=2kΩ, CL=100pF Gain Bandwidth GBW 25°C - 0.8 - MHz V CC =15V, VEE=-15V RL=2kΩ, CL=100pF Phase Margin θ 25°C - 80 - deg Av=40dB Input Referred Noise Voltage VN 25°C - 40 - Hz nV/ VCC=15V, VEE=-15V RS=100Ω, VIN=0V, f=1kHz (Note 12) Absolute value (Note 13) LM358xxx Full Range: TA=-40 C to +85C, LM2904xxx Full Range: TA=-40C to +125C (Note 14) LM2904xxx only. (Note 15) Consider the power dissipation of the IC under high temperature when selecting the output current value. There may be a case where the output current value is reduced due to the rise in IC temperature caused by the heat generated inside the IC. |
同様の部品番号 - LM324FJ-E2 |
|
同様の説明 - LM324FJ-E2 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |