データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W-52 データシート(PDF) 8 Page - Copal Electronics

部品番号 W-52
部品情報  CMOS White LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-52 データシート(HTML) 8 Page - Copal Electronics

Back Button W-52 Datasheet HTML 3Page - Copal Electronics W-52 Datasheet HTML 4Page - Copal Electronics W-52 Datasheet HTML 5Page - Copal Electronics W-52 Datasheet HTML 6Page - Copal Electronics W-52 Datasheet HTML 7Page - Copal Electronics W-52 Datasheet HTML 8Page - Copal Electronics W-52 Datasheet HTML 9Page - Copal Electronics W-52 Datasheet HTML 10Page - Copal Electronics W-52 Datasheet HTML 11Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
W-52
8
Table 8. RSET RESISTOR VALUES
ILED (mA)
RSET
40
562
30
750
25
909
20
1.13 k
15
1.50 k
10
2.26 k
5
4.53 k
For other LED current values, use the following equation
to choose RSET.
R
SET
255
0.1 V
I
LED
Most white LEDs are driven at maximum currents of
15 mA to 20 mA. Some higher power designs will use two
parallel strings of LEDs for greater light output, resulting in
30 mA to 40 mA (two strings of 15 mA to 20 mA) flowing
into the LED pin.
LED Dimming with PWM Signal
PWM brightness control provides the widest dimming
range (greater than 20:1). By turning the LEDs ON and OFF
using the control signal the LEDs operate at either zero or
full current, but their average current changes with the PWM
signal duty cycle. Typically, a 5 kHz to 40 kHz PWM signal
is used. PWM dimming with the W-52 can be
accomplished two different ways.
The SHDN pin can be driven directly or a resistor can be
added to drive the RSET pin. If the SHDN pin is used,
increasing the duty cycle will increase the LED brightness.
Using this method, the LEDs can be dimmed and turned off
completely using the same control signal. A 0% duty cycle
signal will turn off the W-52, reducing the total quiescent
current to near zero.
If the RSET pin is used, increasing the duty cycle will
decrease the brightness. Using this method, the LEDs are
dimmed using RSET and turned off completely using
SHDN. If the RSET pin is used to provide PWM dimming,
the approximate value of RPWM should be calculated (where
VMAX is the “HIGH” value of the PWM signal):
R
PWM
R
SET
V
MAX
0.15 V
1
In addition to providing the widest dimming range, PWM
brightness control also ensures the “purest” white LED color
over the entire dimming range. The true color of a white
LED changes with operating current, and is the “purest”
white at a specific forward current, usually 15 mA or
20 mA. If the LED current is less than or more than this
value, the emitted light becomes more blue. Applications
involving color LCDs can find the blue tint objectionable.
When a PWM control signal is used to drive the SHDN pin
of the W-52, the LEDs are turned off and on at the PWM
frequency. The current through them alternates between full
current and zero current, so the average current changes with
duty cycle. This ensures that when the LEDs are on, they can
be driven at the appropriate current to give the purest white
light. LED brightness varies linearly with the PWM duty
cycle.
LED Dimming with a Logic Signal
For applications that need to adjust the LED brightness in
discrete steps, a logic signal can be used. RMIN sets the
minimum LED current value (when the NMOS is OFF):
R
MIN
255
0.1 V
I
LED(MIN)
RINCR determines how much LED current increases when
the external NMOS switch is turned ON.
R
INCR
255
0.1 V
I
LED(Increase)
LED Dimming with a DC Voltage
R
ADJ
225
V
MAX
0.1 V
I
LED(MAX)
I
LEAD(MIN)
PCB Layout Guidelines
The W-52 is a high frequency switching regulator and
therefore proper PCB board layout and component
placement can minimize noise and radiation and increase
efficiency. To maximize efficiency, the W-52 design has
fast switch rise and fall times. To prevent radiation and high
frequency resonance problems minimize the length and area
of all traces connected to the SW pin and use a ground plane
under the switching regulator.
The switch, schottky output diode and output capacitor
signal path should be kept as short as possible. The ground
connection for the RSET resistor should be tied directly to the
GND pin and not be shared with other components.
Figure 15. LED Dimming Circuits
W-52
5
PWM
W-52
RSET
4
PWM
W-52
RSET
4
W-52
RSET
PWM
10 k
0.1 F
4
W-52
RSET
Logic
Signal
4
SHDN
RSET
RSET
RPWM
RPWM
RSET
RADJ
VDC
RMIN
RINCR


同様の部品番号 - W-52

メーカー部品番号データシート部品情報
logo
Copal Electronics
W-5200-5 COPAL-W-5200-5 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200TDI-G3 COPAL-W-5200TDI-G3 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200TDI-GT COPAL-W-5200TDI-GT Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200ZI-G3 COPAL-W-5200ZI-G3 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200ZI-GT COPAL-W-5200ZI-GT Datasheet
227Kb / 11P
   Low Noise Regulated
More results

同様の説明 - W-52

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
   CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
   CMOS White LED Driver
Doc. No. MD-5005 Rev. V
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com