データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W-6137TD-GT データシート(PDF) 7 Page - Copal Electronics

部品番号 W-6137TD-GT
部品情報  CMOS Boost Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-6137TD-GT データシート(HTML) 7 Page - Copal Electronics

Back Button W-6137TD-GT Datasheet HTML 3Page - Copal Electronics W-6137TD-GT Datasheet HTML 4Page - Copal Electronics W-6137TD-GT Datasheet HTML 5Page - Copal Electronics W-6137TD-GT Datasheet HTML 6Page - Copal Electronics W-6137TD-GT Datasheet HTML 7Page - Copal Electronics W-6137TD-GT Datasheet HTML 8Page - Copal Electronics W-6137TD-GT Datasheet HTML 9Page - Copal Electronics W-6137TD-GT Datasheet HTML 10Page - Copal Electronics W-6137TD-GT Datasheet HTML 11Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
W-6137
7
TYPICAL CHARACTERISTICS
(VIN = 3.6 V, CIN = 1.0 F, COUT = 0.22 F, L = 22 H with 3 LEDs at 20 mA, TAMB = 25 C, unless otherwise specified.)
Figure 20. Power up with 3 LEDs at 20 mA
Figure 21. Line Transient Response
(3 V
5.5 V)
Figure 22. Maximum Output Current vs. Input
Voltage
INPUT VOLTAGE (V)
5.5
4.0
3.5
3.0
2.0
0
20
40
60
80
120
140
0
.
5
5
.
4
5
.
2
100
VOUT = 10 V
VOUT = 17 V


同様の部品番号 - W-6137TD-GT

メーカー部品番号データシート部品情報
logo
Copal Electronics
W-6139 COPAL-W-6139 Datasheet
304Kb / 13P
   22 V High Current Boost
W-6139TD-GE COPAL-W-6139TD-GE Datasheet
304Kb / 13P
   22 V High Current Boost
W-6139TD-GT COPAL-W-6139TD-GT Datasheet
304Kb / 13P
   22 V High Current Boost
More results

同様の説明 - W-6137TD-GT

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
   CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
logo
Texas Instruments
CAT37 TI-CAT37_08 Datasheet
248Kb / 13P
[Old version datasheet]   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
   CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
   CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
logo
Sanyo Semicon Device
LV56351JA SANYO-LV56351JA Datasheet
316Kb / 8P
   Bi-CMOS IC 1ch DC/DC boost converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com