データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL1-01 データシート(PDF) 2 Page - Copal Electronics

部品番号 TPL1-01
部品情報  Ultra-Miniature Pushbutton Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TPL1-01 データシート(HTML) 2 Page - Copal Electronics

  TPL1-01 Datasheet HTML 1Page - Copal Electronics TPL1-01 Datasheet HTML 2Page - Copal Electronics TPL1-01 Datasheet HTML 3Page - Copal Electronics TPL1-01 Datasheet HTML 4Page - Copal Electronics TPL1-01 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TP/TPL
Part No.
Switching function
Circuit diagrams
TP1
−01□
ON
(ON)
TPL1
−01
ON
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
Part No.
Switching function
Circuit diagrams
TP2
−01□
ON
(ON)
TPL2
−01□
ON
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
Part No.
Switching function
Circuit diagrams
TP2
−01□−L■
ON
(ON)
TPL2
−01□−L■
ON
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
LED circuit
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Neither the button nor the mounting frame
can be mounted.
TP1
・TPL1(Without LED)
TP2
・TPL2(Without LED)
TP2
・TPL2(With LED)
Total travel
(1.5)
Latch position
(1)
Total travel
(1.5)
Latch position
(1)
■3,+ :WLJPÄJH[PVUZ
(TP2・TPL2)
Symbol
Color
Forward Current
(IF
Forward V
(VF
Reverse Voltage
(VR
nom.
max.
L2
Red
30mA
2.0V
2.5V
DC5V
L5
Green
25mA
2.2V
2.5V
DC5V
L8
Yellow
30mA
2.1V
2.5V
DC5V
■ PC Hole Layouts
          
(Top view)
Type
without LED
with LED
Dimensions
The blue line represents the switch outline.
(ON)
:Momentary
□:Contact plating code (Silver/Gold)
■:LED color code
Dimensions with color button and mounting frame
TP2
TPL2
Button
Dimension A
Dimension B
Dimension C DDimension D
□10
□10
□12.5
6
6.5
φ10
φ10
φ12.5
6
6.5
□7.5
□7.5
□10
6
6.5
φ7.5
φ7.5
φ10
5.3
7.2
Note: Neither the button nor the mounting frame can be
mounted on to TP1 and TPL1.
□■:Refer to Table of Part Numbers on P.181 for a full list of part numbers.
Total travel
(1.5)
Latch position
(1)


同様の部品番号 - TPL1-01

メーカー部品番号データシート部品情報
logo
TDK Electronics
TPL1183427 TDK-TPL1183427 Datasheet
125Kb / 13P
   Transponder Coils
TPL1183427-722J-720N TDK-TPL1183427-722J-720N Datasheet
125Kb / 13P
   Transponder Coils
TPL1183525 TDK-TPL1183525 Datasheet
125Kb / 13P
   Transponder Coils
TPL1183525-242Y-236N TDK-TPL1183525-242Y-236N Datasheet
125Kb / 13P
   Transponder Coils
TPL1183525-262J-261N TDK-TPL1183525-262J-261N Datasheet
125Kb / 13P
   Transponder Coils
More results

同様の説明 - TPL1-01

メーカー部品番号データシート部品情報
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
   Ultra-Miniature Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
   Ultra-Miniature Pushbutton Switches
LTM3-01 COPAL-LTM3-01 Datasheet
192Kb / 2P
   Ultra-Miniature Illuminated Pushbutton Switches
logo
C&K Components
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
   Miniature pushbutton switches
301SZBEJ6168 ETC2-301SZBEJ6168 Datasheet
8Mb / 5P
   Miniature pushbutton switches
MPS103F ETC2-MPS103F Datasheet
98Kb / 2P
   Miniature Pushbutton Switches
logo
Copal Electronics
SP_SERIES COPAL-SP_SERIES Datasheet
504Kb / 4P
   Miniature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com