データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV301 データシート(PDF) 7 Page - ON Semiconductor

部品番号 LMV301
部品情報  Rail-to-Rail Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV301 データシート(HTML) 7 Page - ON Semiconductor

Back Button LMV301 Datasheet HTML 3Page - ON Semiconductor LMV301 Datasheet HTML 4Page - ON Semiconductor LMV301 Datasheet HTML 5Page - ON Semiconductor LMV301 Datasheet HTML 6Page - ON Semiconductor LMV301 Datasheet HTML 7Page - ON Semiconductor LMV301 Datasheet HTML 8Page - ON Semiconductor LMV301 Datasheet HTML 9Page - ON Semiconductor LMV301 Datasheet HTML 10Page - ON Semiconductor LMV301 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
LMV301
www.onsemi.com
7
TYPICAL CHARACTERISTICS
(TA = 25°C and VS = 5 V unless otherwise specified)
90
80
70
60
50
40
30
20
10
0
1k
10k
100k
1M
10M
Figure 7. PSRR vs. Frequency
(RL = 5 kW, VS = 2.7 V, −PSRR)
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
1k
10k
100k
1M
10M
Figure 8. PSRR vs. Frequency
(RL = 5 kW, VS = 5 V, +PSRR)
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
1k
10k
100k
1M
10M
Figure 9. PSRR vs. Frequency
(RL = 5 kW, VS = 5 V, −PSRR)
FREQUENCY (Hz)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
Figure 10. VOS vs CMR
VCM (V)
VS = 2.7 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Figure 11. VOS vs CMR
VCM (V)
VS = 5.0 V
Figure 12. Supply Current vs. Supply Voltage
SUPPLY VOLTAGE (V)
0
10
20
30
40
50
60
70
80
90
100
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5


同様の部品番号 - LMV301

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV301 NSC-LMV301 Datasheet
624Kb / 19P
   Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
ON Semiconductor
LMV301 ONSEMI-LMV301 Datasheet
189Kb / 12P
   Low Bias Current, 1.8V to 5V Single-Supply, Rail-to-Rail Operational Amplifier
March, 2009 ??Rev. 1
logo
Texas Instruments
LMV301 TI1-LMV301 Datasheet
1Mb / 27P
[Old version datasheet]   LMV301 Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
Unisonic Technologies
LMV3011G-AG6-R UTC-LMV3011G-AG6-R Datasheet
152Kb / 5P
   Voltage reference initial accuracy
LMV3012G-AG6-R UTC-LMV3012G-AG6-R Datasheet
159Kb / 6P
   Reference output current
More results

同様の説明 - LMV301

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
ADL Embedded Solutions
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com