データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV301 データシート(PDF) 1 Page - ON Semiconductor

部品番号 LMV301
部品情報  Rail-to-Rail Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV301 データシート(HTML) 1 Page - ON Semiconductor

  LMV301 Datasheet HTML 1Page - ON Semiconductor LMV301 Datasheet HTML 2Page - ON Semiconductor LMV301 Datasheet HTML 3Page - ON Semiconductor LMV301 Datasheet HTML 4Page - ON Semiconductor LMV301 Datasheet HTML 5Page - ON Semiconductor LMV301 Datasheet HTML 6Page - ON Semiconductor LMV301 Datasheet HTML 7Page - ON Semiconductor LMV301 Datasheet HTML 8Page - ON Semiconductor LMV301 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2011
August, 2016 − Rev. 3
1
Publication Order Number:
LMV301/D
LMV301
Low Bias Current,
1.8V to 5V Single-Supply,
Rail-to-Rail
Operational Amplifier
The LMV301 CMOS operational amplifier can operate over a
power supply range from 1.8 V to 5 V and has a quiescent current of
less than 200
mA, maximum, making it ideal for portable
battery−operated applications such as notebook computers, PDA’s and
medical equipment. Low input bias current and high input impedance
make it highly tolerant of high source−impedance signal−sources such
as photodiodes and pH probes. In addition, the LMV301’s excellent
rail−to−rail performance will enhance the signal−to−noise
performance of any application together with an output stage capable
of easily driving a 600
W resistive load and up to 1000 pF capacitive
load.
Features
Single Supply Operation (or $VS/2)
VS from 1.8 V to 5 V
Low Quiescent Current: 185 mA, Max with VS = 1.8 V
Rail−to−Rail Output Swing
Low Bias Current: 35 pA, max
No Output Phase−Reversal when the Inputs are Overdriven
These are Pb−Free Devices
Typical Applications
Portable Battery−Powered Instruments
Notebook Computers and PDAs
Cell Phones and Mobile Communication
Digital Cameras
Photodiode Amplifiers
Transducer Amplifiers
Medical Instrumentation
Consumer Products
www.onsemi.com
ORDERING INFORMATION
PIN CONNECTION
MARKING
DIAGRAMS
SC70−5
SQ SUFFIX
CASE 419A
STYLES 2, 3
See detailed ordering and shipping information in the p
dimensions section on page 11 of this data sheet.
+IN
VEE
−IN
VCC
OUTPUT
STYLE 3 PINOUT
+
1
2
3
5
4
AAD M
G
G
M
= Date Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.
1
5
TSOP−5
CASE 483
1
5
ADYAYW
G
G


同様の部品番号 - LMV301

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV301 NSC-LMV301 Datasheet
624Kb / 19P
   Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
ON Semiconductor
LMV301 ONSEMI-LMV301 Datasheet
189Kb / 12P
   Low Bias Current, 1.8V to 5V Single-Supply, Rail-to-Rail Operational Amplifier
March, 2009 ??Rev. 1
logo
Texas Instruments
LMV301 TI1-LMV301 Datasheet
1Mb / 27P
[Old version datasheet]   LMV301 Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
Unisonic Technologies
LMV3011G-AG6-R UTC-LMV3011G-AG6-R Datasheet
152Kb / 5P
   Voltage reference initial accuracy
LMV3012G-AG6-R UTC-LMV3012G-AG6-R Datasheet
159Kb / 6P
   Reference output current
More results

同様の説明 - LMV301

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
ADL Embedded Solutions
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com