データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX1204A データシート(PDF) 8 Page - Keysight Technologies

部品番号 CX1204A
部品情報  Device Current Waveform Analyzer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

CX1204A データシート(HTML) 8 Page - Keysight Technologies

Back Button CX1204A Datasheet HTML 4Page - Keysight Technologies CX1204A Datasheet HTML 5Page - Keysight Technologies CX1204A Datasheet HTML 6Page - Keysight Technologies CX1204A Datasheet HTML 7Page - Keysight Technologies CX1204A Datasheet HTML 8Page - Keysight Technologies CX1204A Datasheet HTML 9Page - Keysight Technologies CX1204A Datasheet HTML 10Page - Keysight Technologies CX1204A Datasheet HTML 11Page - Keysight Technologies CX1204A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
08 | Keysight | CX3300 Series Device Current Waveform Analyzer - Data Sheet
Dual Channel Current Sensor achieves a 100 dB dynamic range to visual-
ize low-power device operations
The CX1102A Dual Channel Current Sensor enables simultaneous measurements under
two different measurement ranges. For example, the primary channel is set to a 200 mA
range, while the secondary channel is to a 2 mA range (primary channel range is 50
or 100 times of secondary channel). This current sensor is very useful for low-power
applications that periodically operate in both sleep/standby state and active state.
Figure 13. Wide dynamic range measurement by the CX1102A Dual Channel Current Sensor
Figure 14a and 14b. Current waveform measurement and connection example using the Digital Channel
High input impedance digital channel minimizes load current in the probe
(CX3324A option)
The CX1152A Digital Channel is useful when you need digital triggers to measure current
synchronized with digital signals such as controller’s I/O or data bus up to 8 channels.
Unlike conventional digital probes, each probe for the CX1152A has large 10 MΩ input
resistance, which enables you to make accurate low power measurements by minimizing
the load current.
Current waveform
Digital signals
Standby
Standby
x 100
x 100
x 100
Active
(Over range)
Figure 15. The CX1103A Low Side Current Sensor
employs offset adjustable ultra-wideband
transimpedance technology, which can cancel
the large DC current offset and extract only the
required dynamic current. This feature is quite
useful to measure low-level dynamic sensor
current signals on a larger DC current.
Time
Time
Offset
Offset current cancelled
(14a)
(14b)


同様の部品番号 - CX1204A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
CX1201A KEYSIGHT-CX1201A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1202A KEYSIGHT-CX1202A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1203A KEYSIGHT-CX1203A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1205A KEYSIGHT-CX1205A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
logo
Continental Device Indi...
CX1206MKNP00BB0 CDIL-CX1206MKNP00BB0 Datasheet
751Kb / 16P
   SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
More results

同様の説明 - CX1204A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
CX1202A KEYSIGHT-CX1202A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1203A KEYSIGHT-CX1203A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX3322A KEYSIGHT-CX3322A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1152A KEYSIGHT-CX1152A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1151A KEYSIGHT-CX1151A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1201A KEYSIGHT-CX1201A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1205A KEYSIGHT-CX1205A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1102A KEYSIGHT-CX1102A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com