データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCC600-28U-9P24 データシート(PDF) 1 Page - Artesyn Technologies

部品番号 LCC600-28U-9P24
部品情報  600 Watts Conduction Cooling
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARTESYN [Artesyn Technologies]
ホームページ  
Logo ARTESYN - Artesyn Technologies

LCC600-28U-9P24 データシート(HTML) 1 Page - Artesyn Technologies

  LCC600-28U-9P24 Datasheet HTML 1Page - Artesyn Technologies LCC600-28U-9P24 Datasheet HTML 2Page - Artesyn Technologies LCC600-28U-9P24 Datasheet HTML 3Page - Artesyn Technologies LCC600-28U-9P24 Datasheet HTML 4Page - Artesyn Technologies LCC600-28U-9P24 Datasheet HTML 5Page - Artesyn Technologies LCC600-28U-9P24 Datasheet HTML 6Page - Artesyn Technologies LCC600-28U-9P24 Datasheet HTML 7Page - Artesyn Technologies LCC600-28U-9P24 Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
POWER
LCC600
600 Watts Conduction Cooling
Total Power: 600 W
# of Outputs: Single
Outputs: 12, 28, 36, 48 Vdc
SPECIAL FEATURES
ƒ
600 W full power at elevated
temperatures
ƒ
Wide operating temperature range
(-40 °C to 85 °C baseplate)
ƒ
Adjustable output
ƒ
Remote output On/Off
ƒ
AC_OK; DC_OK signals
ƒ
5 V standby voltage
ƒ
Active current share
ƒ
Conduction-cooled/fanless
ƒ
I2C / PMBus
ƒ
Medical and ITE Safety3
ƒ
Suited for BF-type applications
ƒ
Active power factor correction
ƒ
Optional IP65 variant
ƒ
Optional 277 Vac input variant
COMPLIANCE
ƒ
EMI Class B
ƒ
EN61000 Immunity
SAFETY
ƒ
UL + CSA:
60950-1 2nd Ed.
ANSI ES60601-13
UL 87505
CSA-C22.2 No. 250.133
ƒ
TUV:
60950-1 2nd Ed.
60601-1 3rd Ed.3
EN 61347-1; -2-135
ƒ
CB Scheme: IEC 60950-1
IEC 60601-1
IEC 61347-1; -2-135
ƒ
China
CCC
ƒ
CE Mark
Electrical Specifications
Input
Input range
U Suffix:
90 - 264 Vac (Safety rating:100 - 240 Vac)
127 - 374 Vdc4
H Suffix:
180 - 305 Vac (Safety rating: 200 - 277 Vac)
254 - 420 Vdc4
Frequency
47 - 63 / 440 Hz (Safety rating: 50/60 Hz)
Input fusing
Internal fuse on both L and N lines (12.5 A - U suffix; 7 A - H suffix)
EMI/RFI
FCC Class B, CISPR22/EN55022 Class B
MIL-STD-461F EMI1
Compliance to CE101, 102; CS101, 114, 115, 116 (with external filter1)
Inrush current
≤ 25 A peak
Power factor
0.99 typical
Harmonics
Meets EN61000-3-2 Class A and Class C2
Input current
< 10 Arms @ 100 Vac
Hold up time
20 ms min for Main Output (230 Vac) @ 100% Load
Efficiency
93.3% typical @ 230 Vac; 100% Load; 28 Vdc
Leakage current
< 200 μA (per ANSI/ES60601; 264 Vac split-phase / 60 Hz)
< 400 μA (per IEC60601; 264 Vac / 50 Hz
Isolation voltage
U Suffix
H Suffix
PRI-SEC:
4,000 Vac (2X MOPP)
3,000 Vac
PRI-Chassis:
1,500 Vac (1X MOPP)
2,000 Vac
SEC-Chassis: 1,500 Vac (1X MOPP)
1,500 Vac
Data Sheet
1
Artesyn Filter PN: 700-014447-0000 (Zhongguang PN: ZGLPG-10-02M).
2
Meets Class C ≥ 50% load.
3
U suffix have both ITE and Medical Safeties. H suffix carries ITE approval only.
4
DC input rating not part of product’s Safety approval.
5
LED Lighting approvals apply to all 48V output variants.


同様の部品番号 - LCC600-28U-9P24

メーカー部品番号データシート部品情報
logo
PANDUIT CORP.
LCC6-14JAW-L PANDUIT-LCC6-14JAW-L Datasheet
84Kb / 1P
   Copper Lug - Slotted Two-Hole, Long Barrel with Window
LCC6-38DW-L PANDUIT-LCC6-38DW-L Datasheet
92Kb / 1P
   COPPER LUG - TWO-HOLE, LONG BARREL WITH WINDOW
More results

同様の説明 - LCC600-28U-9P24

メーカー部品番号データシート部品情報
logo
Artesyn Technologies
LCC250-12U-4P ARTESYN-LCC250-12U-4P Datasheet
959Kb / 7P
   250 Watts Convection/Conduction Mounting
logo
Mean Well Enterprises C...
PHP-3500-HV MEANWELL-PHP-3500-HV Datasheet
4Mb / 11P
   3500W Conduction Cooling with High Voltage Output
PHP-3500 MEANWELL-PHP-3500 Datasheet
894Kb / 10P
   3500W Conduction Cooling with PFC Switching Supply
UHP-1500 MEANWELL-UHP-1500 Datasheet
324Kb / 7P
   1500W Conduction Cooling with PFC Switching Supply
PHP-3500-HV MEANWELL-PHP-3500-HV_V01 Datasheet
4Mb / 11P
   3500W Conduction Cooling with High Voltage Output
2022-11-28
UHP-2500 MEANWELL-UHP-2500 Datasheet
346Kb / 7P
   2500W Conduction Cooling with PFC Switching Supply
logo
Astec America, Inc
AIF120Y300 ASTEC-AIF120Y300 Datasheet
131Kb / 2P
   600 Watts
logo
NEC
LD7713 NEC-LD7713 Datasheet
54Kb / 6P
   30 GHz, 20 W CW, Conduction Cooling, Mimimum Size
LD7714 NEC-LD7714 Datasheet
53Kb / 6P
   30 GHz, 40 W CW, Conduction Cooling, Mimimum Size
LD7246A NEC-LD7246A Datasheet
44Kb / 4P
   14 GHz, 123 W CW, CONDUCTION COOLING, MINIMUM SIZE
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com