データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCC250-24U-7PE データシート(PDF) 5 Page - Artesyn Technologies

部品番号 LCC250-24U-7PE
部品情報  250 Watts Convection/Conduction Mounting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARTESYN [Artesyn Technologies]
ホームページ  
Logo ARTESYN - Artesyn Technologies

LCC250-24U-7PE データシート(HTML) 5 Page - Artesyn Technologies

  LCC250-24U-7PE Datasheet HTML 1Page - Artesyn Technologies LCC250-24U-7PE Datasheet HTML 2Page - Artesyn Technologies LCC250-24U-7PE Datasheet HTML 3Page - Artesyn Technologies LCC250-24U-7PE Datasheet HTML 4Page - Artesyn Technologies LCC250-24U-7PE Datasheet HTML 5Page - Artesyn Technologies LCC250-24U-7PE Datasheet HTML 6Page - Artesyn Technologies LCC250-24U-7PE Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LCC250 Data Sheet
Fig 10. 48 V “7P” Suffix (Convection) Output
65
70
75
80
85
90
95
020406080
100
Output Load (%)
48 V Efciency vs. Input Line
Vin=115 Vac
Vin=230 Vac
Fig 11. 48 V “7P” Suffix (Convection) Output Current Derating at 230 Vac
0
1
2
3
4
5
6
25
35
45
55
65
75
85
100 LFM
NAT CONV
200 LFM
300 LFM
400 LFM
Ambient Temperature (˚C)
LCC250-48U-7P (Convection)
V
IN = 230 Vac
Fig 8. 24 V Efficiency Curve
0
2
4
6
8
10
12
25
35
45
55
65
75
85
100 LFM
NAT CONV
200 LFM
300 LFM
400 LFM
Ambient Temperature (˚C)
LCC250-24U-7P (Convection)
V
IN = 230 Vac
Fig 7. 24 V “7P” Suffix (Convection) Output Current Derating at 230 Vac
Fig 9. 48 V “4P” Suffix (Conduction) Output Current Derating
Fig 12. 48 V Efficiency Curve
0
1
2
3
4
5
6
25
35
45
55
65
75
85
100 LFM
NAT CONV
200 LFM
300 LFM
400 LFM
Ambient Temperature (˚C)
LCC250-48U-7P (Convection)
V
IN = 115 Vac
0
1
2
3
4
5
6
25
35
45
55
65
75
85
95
Baseplate Temperature (˚C)
LCC250-48U-4P (Conduction)
90 Vac
115 Vac
230 Vac
264 Vac
65
70
75
80
85
90
95
020406080
100
Output Load (%)
24 V Efciency vs. Input Line
115 Vac
230 Vac


同様の部品番号 - LCC250-24U-7PE

メーカー部品番号データシート部品情報
logo
PANDUIT CORP.
LCC2-14BW-CUST PANDUIT-LCC2-14BW-CUST Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
LCC2-14BW-Q PANDUIT-LCC2-14BW-Q Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
logo
Vishay Siliconix
LCC20AE1000BT0 VISHAY-LCC20AE1000BT0 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
LCC20AE1000BT1 VISHAY-LCC20AE1000BT1 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
LCC20AE1000BT3 VISHAY-LCC20AE1000BT3 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
More results

同様の説明 - LCC250-24U-7PE

メーカー部品番号データシート部品情報
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
logo
List of Unclassifed Man...
27160 ETC-27160 Datasheet
101Kb / 1P
   Effective with radiation, convection and conduction heat transfer
logo
Artesyn Technologies
LCC600-48U-9P ARTESYN-LCC600-48U-9P Datasheet
1Mb / 8P
   600 Watts Conduction Cooling
LPQ253-CEF ARTESYN-LPQ253-CEF Datasheet
704Kb / 4P
   250 Watts
logo
Anaren Microwave
250-50RM ANAREN-250-50RM Datasheet
337Kb / 2P
   250 Watts
logo
Astec America, Inc
MS250 ASTEC-MS250 Datasheet
656Kb / 2P
   250 Watts
LPQ250 ASTEC-LPQ250 Datasheet
135Kb / 2P
   250 Watts
LPS250 ASTEC-LPS250 Datasheet
451Kb / 2P
   250 Watts
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com