データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10E1651 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10E1651
部品情報  Dual ECL Output Comparator with Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E1651 データシート(HTML) 1 Page - ON Semiconductor

  MC10E1651_13 Datasheet HTML 1Page - ON Semiconductor MC10E1651_13 Datasheet HTML 2Page - ON Semiconductor MC10E1651_13 Datasheet HTML 3Page - ON Semiconductor MC10E1651_13 Datasheet HTML 4Page - ON Semiconductor MC10E1651_13 Datasheet HTML 5Page - ON Semiconductor MC10E1651_13 Datasheet HTML 6Page - ON Semiconductor MC10E1651_13 Datasheet HTML 7Page - ON Semiconductor MC10E1651_13 Datasheet HTML 8Page - ON Semiconductor MC10E1651_13 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2013
April, 2013 − Rev. 10
1
Publication Order Number:
MC10E1651/D
MC10E1651
5V, -5V Dual ECL Output
Comparator with Latch
The MC10E1651 is fabricated using ON Semiconductor’s
advanced MOSAIC III process. The MC10E1651 incorporates a fixed
level of input hysteresis as well as output compatibility with 10 KH
logic devices. In addition, a latch is available allowing a sample and
hold function to be performed. The device is available in a 20-pin
surface mount package.
The latch enable (LENa and LENb) input pins operate from standard
ECL 10 KH logic levels. When the latch enable is at a logic high level,
the MC10E1651 acts as a comparator; hence, Q will be at a logic high
level if V1 > V2 (V1 is more positive than V2). Q is the complement
of Q. When the latch enable input goes to a low logic level, the outputs
are latched in their present state providing the latch enable setup and
hold time constraints are met.
Features
Typical 3.0 dB Bandwidth > 1.0 GHz
Typical V to Q Propagation Delay of 775 ps
Typical Output Rise/Fall of 350 ps
Common Mode Range −2.0 V to +3.0 V
Individual Latch Enables
Differential Outputs
28 mV Input Hysteresis
Operating Mode: VCC = 5.0 V, VEE = −5.2 V, GND = 0 V
No Internal Input Pulldown Resistors
ESD Protection: > 2 kV Human Body Model,
> 100 V Machine Model
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level 3
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 85 devices
These are Pb−Free Devices*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING
DIAGRAM
PLCC−20
FN SUFFIX
CASE 775
http://onsemi.com
20 1
MC10E
1651FNG
AWLYYWW
120
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


同様の部品番号 - MC10E1651_13

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E1651FN ONSEMI-MC10E1651FN Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FNG ONSEMI-MC10E1651FNG Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FNR2 ONSEMI-MC10E1651FNR2 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FNR2G ONSEMI-MC10E1651FNR2G Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651L ONSEMI-MC10E1651L Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
More results

同様の説明 - MC10E1651_13

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1651 ONSEMI-MC10E1651_06 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
logo
Maxim Integrated Produc...
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9691 MAXIM-MAX9691_12 Datasheet
325Kb / 12P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 2; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com