データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV982DMR2G データシート(PDF) 6 Page - ON Semiconductor

部品番号 LMV982DMR2G
部品情報  Single and Dual Low Voltage, Rail-to-Rail Input and Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV982DMR2G データシート(HTML) 6 Page - ON Semiconductor

Back Button LMV982DMR2G Datasheet HTML 2Page - ON Semiconductor LMV982DMR2G Datasheet HTML 3Page - ON Semiconductor LMV982DMR2G Datasheet HTML 4Page - ON Semiconductor LMV982DMR2G Datasheet HTML 5Page - ON Semiconductor LMV982DMR2G Datasheet HTML 6Page - ON Semiconductor LMV982DMR2G Datasheet HTML 7Page - ON Semiconductor LMV982DMR2G Datasheet HTML 8Page - ON Semiconductor LMV982DMR2G Datasheet HTML 9Page - ON Semiconductor LMV982DMR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LMV981, LMV982
www.onsemi.com
6
2.7V DC ELECTRICAL CHARACTERISTICS Unless otherwise noted, all min/max limits are guaranteed for TA = 25°C,
V+ = 2.7 V, V= 0 V, VCM = V+/2, VO = V+/2 and RL > 1 MW. Typical specifications represent the most likely parametric norm.
Parameter
Unit
Max
Typ
Min
Condition
Symbol
Output Short Circuit
Current
IO
Sourcing, Vo = 0 V, VIN = $100 mV
20
65
mA
−40
°C to +125°C
15
Sinking, Vo = 0 V, VIN = −100 mV
18
75
−40
°C to +125°C
12
Shutdown Enable
Control
VSHDN
Turn−on Voltage to Enable Device
1.9
V
Turn−off Voltage to Shutdown Device
0.55
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Guaranteed by design and/or characterization.
2.7V AC ELECTRICAL CHARACTERISTICS Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 2.7 V,
V− = 0 V, VCM = 2.0V ,Vo = V+/2 and RL > 1 MW. Typical specifications represent the most likely parametric norm. Min/Max
specifications are guaranteed by testing, characterization, or statistical analysis.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Slew Rate
SR
(Note 6)
0.4
V/uS
Gain Bandwidth
Product
GBWP
1.4
MHz
Phase Margin
Qm
70
°
Gain Margin
Gm
7.5
dB
Input−Referred
Voltage Noise
en
f = 50 kHz, VCM = 1.0 V
57
nV/
√Hz
Total Harmonic
Distortion
THD
f = 1 kHz, AV = +1, RL = 600 W, VO = 1 VPP
0.022
%
Amplifier−to−Amplifier
Isolation
(Note 7)
123
dB
6. Connected as voltage follower with input step from V− to V+. Number specified is the slower of the positive and negative slew rates.
7. Input referred, RL = 100 kW connected to V+/2. Each amp excited in turn with 1 kHz to produce VO = 3 VPP. (For Supply Voltages < 3 V,
VO = V+).


同様の部品番号 - LMV982DMR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LMV982DMR2G ONSEMI-LMV982DMR2G Datasheet
445Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
February, 2010 ??Rev. 5
More results

同様の説明 - LMV982DMR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LMV931 ONSEMI-LMV931 Datasheet
432Kb / 20P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
April, 2010 ??Rev. 6
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
   LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
logo
National Semiconductor ...
LMC6681 NSC-LMC6681 Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
logo
ON Semiconductor
LMV981 ONSEMI-LMV981 Datasheet
445Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
February, 2010 ??Rev. 5
logo
Linear Technology
LT6202 LINER-LT6202_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6204 LINER-LT6204_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6203 LINER-LT6203_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
logo
ON Semiconductor
LMV931 ONSEMI-LMV931_12 Datasheet
366Kb / 18P
   Single and Dual LowVoltage, Rail-to-Rail Input and Output,Operational Amplifiers
August, 2012 ??Rev. 9
logo
STMicroelectronics
OA1NP STMICROELECTRONICS-OA1NP Datasheet
864Kb / 31P
   Rail-to-rail input and output
March 2014 Rev 2
logo
Microchip Technology
MCP6N16 MICROCHIP-MCP6N16 Datasheet
7Mb / 58P
   Rail-to-Rail Input and Output
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com