データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10E1651FNG データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC10E1651FNG
部品情報  Dual ECL Output Comparator with Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E1651FNG データシート(HTML) 3 Page - ON Semiconductor

  MC10E1651FNG Datasheet HTML 1Page - ON Semiconductor MC10E1651FNG Datasheet HTML 2Page - ON Semiconductor MC10E1651FNG Datasheet HTML 3Page - ON Semiconductor MC10E1651FNG Datasheet HTML 4Page - ON Semiconductor MC10E1651FNG Datasheet HTML 5Page - ON Semiconductor MC10E1651FNG Datasheet HTML 6Page - ON Semiconductor MC10E1651FNG Datasheet HTML 7Page - ON Semiconductor MC10E1651FNG Datasheet HTML 8Page - ON Semiconductor MC10E1651FNG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC10E1651
http://onsemi.com
3
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VSUP
Total Supply Voltage
|VEE| + |VCC|
12.0
V
VPP
Differential Input Voltage
|V1 − V2|
3.7
V
VI
Input Voltage
VEE v VI v VCC
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
0 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
28 PLCC
28 PLCC
63.5
43.5
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
28 PLCC
22 to 26
°C/W
VEE
Operating Range
GND = 0 V
−4.2 to −5.7
V
Tsol
Wave Solder
Pb−Free v 3 sec @ 260°C
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 4. DC CHARACTERISTICS VCC = +5.0 V ±5%; VEE = −5.2 V ±5%, GND = 0 V (Note 1)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage (Note 1)
−1020
−840
−980
−810
−920
−735
mV
VOL
Output Low Voltage (Note 1)
−1950
−1630 −1950
−1630 −1950
−1600
mV
VIL
Input LOW Voltage (LEN) (Note 1)
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
mV
VIH
Input HIGH Voltage (LEN) (Note 1)
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
mV
II
IIH
Input Current (V1, V2)
Input HIGH Current (LEN)
65
150
65
150
65
150
mA
ICC
IEE
Positive Supply Current
Negative Supply Current
50
−55
50
−55
50
−55
mA
VCMR
Common Mode Range (Note 2)
−2.0
3.0
−2.0
3.0
−2.0
3.0
V
Hys
Hysteresis
27
27
30
mV
Vskew
Hysteresis Skew (Note 3)
−1.0
−1.0
0
mV
Cin
Input Capacitance
PLCC
2
2
2
pF
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input VIL and VIH parameters vary 1:1 with VCC. Output VOH and VOL parameters vary 1:1 with GND.
2. VCMR Min varies 1:1 with VEE; Max varies 1:1 with VCC.
3. Hysteresis skew (Vskew) is provided to indicate the offset of the hysteresis window. For example, at 25°C the nominal hysteresis value is
27 mV and the Vskew value indicates that the hysteresis was skewed from the reference level by 1mV in the negative direction. Hence the
hysteresis window ranged from 14 mV below the reference level to 13 mV above the reference level. All hysteresis measurements were
determined using a reference voltage of 0 mV.


同様の部品番号 - MC10E1651FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E1651FNG ONSEMI-MC10E1651FNG Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
More results

同様の説明 - MC10E1651FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1651 ONSEMI-MC10E1651_06 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
logo
Maxim Integrated Produc...
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9691 MAXIM-MAX9691_12 Datasheet
325Kb / 12P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 2; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com