データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA2107G データシート(PDF) 3 Page - Rohm

部品番号 BA2107G
部品情報  Low Noise Operational Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA2107G データシート(HTML) 3 Page - Rohm

  BA2107G_14 Datasheet HTML 1Page - Rohm BA2107G_14 Datasheet HTML 2Page - Rohm BA2107G_14 Datasheet HTML 3Page - Rohm BA2107G_14 Datasheet HTML 4Page - Rohm BA2107G_14 Datasheet HTML 5Page - Rohm BA2107G_14 Datasheet HTML 6Page - Rohm BA2107G_14 Datasheet HTML 7Page - Rohm BA2107G_14 Datasheet HTML 8Page - Rohm BA2107G_14 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3/31
11.Nov.2014 Rev.002
TSZ22111・15・00
BA2107G BA2115xxx
Absolute Maximum Ratings (TA=25℃)
BA2107, BA2115
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+14
V
Power Dissipation
PD
SSOP5
0.67
(Note 1,4)
W
SOP8
0.78
(Note 2,4)
SOP-J8
0.67
(Note 1,4)
MSOP8
0.59
(Note 3,4)
Differential Input Voltage
(Note 5)
C
+14
V
Input Common-mode Voltage Range
VICM
(VEE-0.3) to (VEE+14)
V
Input Current
(Note 6)
II
-10
mA
Operating Supply Voltage
Vopr
2 to 14(±1 to ±7)
V
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-55 to 150
Maximum Junction Temperature
TJmax
+150
(Note 1) To use at temperature above TA=25℃ reduce 5.4mW/℃
(Note 2) To use at temperature above TA=25℃ reduce 6.2mW/℃
(Note 3) To use at temperature above TA=25℃ reduce 4.8mW/℃
(Note 4) Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (copper foil area less than 3%).
(Note 5) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(Note 6) An excessive input current will flow when input voltages of more than VCC+0.6V or less than VEE-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. In addition, it is impossible to predict all destructive situations such as
short-circuit modes, open circuit modes, etc. Therefore, it is important to consider circuit protection measures, like adding a fuse, in case the IC is
operated in a special mode exceeding the absolute maximum ratings.


同様の部品番号 - BA2107G_14

メーカー部品番号データシート部品情報
logo
Rohm
BA2107G-TR ROHM-BA2107G-TR Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
BA2107G-TR ROHM-BA2107G-TR Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
More results

同様の説明 - BA2107G_14

メーカー部品番号データシート部品情報
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com