データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTD1414 データシート(PDF) 2 Page - Inchange Semiconductor Company Limited

部品番号 KTD1414
部品情報  isc Silicon NPN Darlington Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KTD1414 データシート(HTML) 2 Page - Inchange Semiconductor Company Limited

  KTD1414 Datasheet HTML 1Page - Inchange Semiconductor Company Limited KTD1414 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Darlington Power Transistor
KTD1414
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA; IB= 0
80
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 3A; IB= 6mA
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 3A; IB= 6mA
2.0
V
ICBO
Collector Cutoff Current
VCB= 100V; IE= 0
20
μ
A
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
2.5
mA
hFE -1
DC Current Gain
IC= 1A; VCE= 2V
2000
hFE -2
DC Current Gain
IC= 3A; VCE= 2V
1000
Switching times
ton
Turn-on Time
IB1= -IB2= 6mA
RL= 10Ω; VCC= 30V
PW=20μs; Duty Cycle≤1%
0.2
μ
s
tstg
Storage Time
1.5
μ
s
tf
Fall Time
0.6
μ
s


同様の部品番号 - KTD1414

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KTD1414 KEC-KTD1414 Datasheet
374Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, HAMMER DRIVER,PULSE MOTOR DRIVER)
KTD1414 KEC-KTD1414 Datasheet
455Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR
KTD1414 KEC-KTD1414_07 Datasheet
455Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR
KTD1414 KEC-KTD1414_15 Datasheet
455Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

同様の説明 - KTD1414

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
T2142 ISC-T2142 Datasheet
171Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2N6532 ISC-2N6532 Datasheet
150Kb / 2P
   isc Silicon NPN Darlington Power Transistor
TIP140T ISC-TIP140T Datasheet
149Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD985 ISC-KSD985 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD986 ISC-KSD986 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
BDX65B ISC-BDX65B Datasheet
189Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2051 ISC-2SD2051 Datasheet
263Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2091 ISC-2SD2091 Datasheet
259Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1566 ISC-2SD1566 Datasheet
271Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD460 ISC-2SD460 Datasheet
249Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD605 ISC-2SD605 Datasheet
251Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com