データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTD2060 データシート(PDF) 2 Page - Inchange Semiconductor Company Limited

部品番号 KTD2060
部品情報  isc Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KTD2060 データシート(HTML) 2 Page - Inchange Semiconductor Company Limited

  KTD2060 Datasheet HTML 1Page - Inchange Semiconductor Company Limited KTD2060 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
KTD2060
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 50mA; IB= 0
80
V
V(BR)EBO
Emitter –Base Breakdown Voltage
IE= 1mA; IB= 0
5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.3A
1.5
V
VBE(on)
Base-Emitter On Voltage
IC= 3A; VCE= 5V
1.5
V
ICBO
Collector Cutoff Current
VCB= 80V; IE= 0
30
μ
A
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
100
μ
A
hFE-1
DC Current Gain
IC= 0.5A; VCE= 5V
40
240
hFE-2
DC Current Gain
IC= 3A; VCE= 5V
15
COB
Output Capacitance
IE= 0; VCB= 10V; ftest= 1MHz
90
pF
fT
Current-Gain—Bandwidth Product
IC= 0.5A; VCE= 5V
8
MHz
hFE-1 Classifications
R
O
Y
40-80
70-140
120-240


同様の部品番号 - KTD2060

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KTD2060 KEC-KTD2060 Datasheet
284Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR(GENERAL PURPOSE)
logo
Foshan Blue Rocket Elec...
KTD2060 FOSHAN-KTD2060 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
logo
Kinetic Technologies.
KTD2060 KINETIC-KTD2060 Datasheet
235Kb / 3P
   36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2060EUAC-TR KINETIC-KTD2060EUAC-TR Datasheet
235Kb / 3P
   36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2060Q KINETIC-KTD2060Q Datasheet
142Kb / 2P
   36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
More results

同様の説明 - KTD2060

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com