データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7873ACPZ3 データシート(PDF) 6 Page - Analog Devices

部品番号 AD7873ACPZ3
部品情報  Touch Screen Digitizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7873ACPZ3 データシート(HTML) 6 Page - Analog Devices

Back Button AD7873ACPZ3 Datasheet HTML 2Page - Analog Devices AD7873ACPZ3 Datasheet HTML 3Page - Analog Devices AD7873ACPZ3 Datasheet HTML 4Page - Analog Devices AD7873ACPZ3 Datasheet HTML 5Page - Analog Devices AD7873ACPZ3 Datasheet HTML 6Page - Analog Devices AD7873ACPZ3 Datasheet HTML 7Page - Analog Devices AD7873ACPZ3 Datasheet HTML 8Page - Analog Devices AD7873ACPZ3 Datasheet HTML 9Page - Analog Devices AD7873ACPZ3 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7873
Rev. D | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
+VCC to GND
–0.3 V to +7 V
Analog Input Voltage to GND
–0.3 V to VCC + 0.3 V
Digital Input Voltage to GND
–0.3 V to VCC + 0.3 V
Digital Output Voltage to GND
–0.3 V to VCC + 0.3 V
VREF to GND
–0.3 V to VCC + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range
Commercial (A, B Versions)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
QSOP, TSSOP, LFCSP Packages, Power
Dissipation
450 mW
θJA Thermal Impedance
149.97°C/W (QSOP)
150.4°C/W (TSSOP)
135.7°C/W (LFCSP)
θJC Thermal Impedance
38.8°C/W (QSOP)
27.6°C/W (TSSOP)
IR Reflow Soldering
Peak Temperature
Time-to-Peak Temperature
Ramp-Down Rate
220°C (±5°C)
10 sec to 30 sec
6°C/sec max
Pb-free Parts Only:
Peak Temperture
250°C
Time-to-Peak Temperature
Ramp-Up Rate
Ramp-Down Rate
20 sec to 40 sec
3°C/sec max
6°C/sec max
___________________________
1 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


同様の部品番号 - AD7873ACPZ3

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7873ACPZ AD-AD7873ACPZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873ACPZ AD-AD7873ACPZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACPZ AD-AD7873ACPZ Datasheet
480Kb / 29P
   Touch Screen Digitizer
AD7873ACPZ-REEL AD-AD7873ACPZ-REEL Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873ACPZ-REEL AD-AD7873ACPZ-REEL Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
More results

同様の説明 - AD7873ACPZ3

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7873 AD-AD7873_17 Datasheet
480Kb / 29P
   Touch Screen Digitizer
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com