データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC847BDW1T1 データシート(PDF) 1 Page - ON Semiconductor

部品番号 BC847BDW1T1
部品情報  Dual General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847BDW1T1 データシート(HTML) 1 Page - ON Semiconductor

  BC847BDW1T1 Datasheet HTML 1Page - ON Semiconductor BC847BDW1T1 Datasheet HTML 2Page - ON Semiconductor BC847BDW1T1 Datasheet HTML 3Page - ON Semiconductor BC847BDW1T1 Datasheet HTML 4Page - ON Semiconductor BC847BDW1T1 Datasheet HTML 5Page - ON Semiconductor BC847BDW1T1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 3
1
Publication Order Number:
BC846BDW1T1/D
BC846BDW1T1,
BC847BDW1T1,
BC848CDW1T1
Dual General Purpose
Transistors
NPN Duals
These transistors are designed for general purpose amplifier
applications. They are housed in the SOT−363/SC−88 which is
designed for low power surface mount applications.
Device Marking:
BC846BDW1T1 = 1B
BC847BDW1T1 = 1F
BC848CDW1T1 = 1L
Features
Pb−Free Package is Available
MAXIMUM RATINGS
Rating
Symbol
BC846
BC847
BC848
Unit
Collector − Emitter Voltage
VCEO
65
45
30
V
Collector − Base Voltage
VCBO
80
50
30
V
Emitter − Base Voltage
VEBO
6.0
6.0
5.0
V
Collector Current −
Continuous
IC
100
100
100
mAdc
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
Per Device
FR− 5 Board (Note 1)
TA = 25°C
Derate Above 25
°C
PD
380
250
3.0
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
328
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
− 55 to +150
°C
1. FR−5 = 1.0 x 0.75 x 0.062 in
Device
Package
Shipping
ORDERING INFORMATION
BC846BDW1T1
SOT−363
SOT−363
CASE 419B
STYLE 1
3000 Units/Reel
DIAGRAM
MARKING
BC847BDW1T1
SOT−363
3000 Units/Reel
1xm
Q1
(1)
(2)
(3)
(4)
(5)
(6)
Q2
1
6
BC848CDW1T1
SOT−363
3000 Units/Reel
1x = Specific Device Code
x
= B, F, L
m = Date Code
http://onsemi.com
BC847BDW1T1G
SOT−363
(Pb−Free)
3000 Units/Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


同様の部品番号 - BC847BDW1T1

メーカー部品番号データシート部品情報
logo
E-Tech Electronics LTD
BC847BDW1T1 ETL-BC847BDW1T1 Datasheet
459Kb / 5P
   Dual General Purpose Transistors
logo
ON Semiconductor
BC847BDW1T1G ONSEMI-BC847BDW1T1G Datasheet
133Kb / 10P
   Dual General Purpose Transistors
July, 2010 ??Rev. 7
BC847BDW1T1G ONSEMI-BC847BDW1T1G Datasheet
144Kb / 11P
   Dual General Purpose Transistors
September, 2012 ??Rev. 9
BC847BDW1T1G ONSEMI-BC847BDW1T1G Datasheet
110Kb / 11P
   Dual General Purpose Transistors
August, 2016 ??Rev. 11
More results

同様の説明 - BC847BDW1T1

メーカー部品番号データシート部品情報
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com