データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ30A データシート(PDF) 4 Page - Dongguan City Niuhang Electronics Co.LTD

部品番号 SMAJ30A
部品情報  TRANSIENT VOLTAGE SUPPRESSOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
ホームページ  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SMAJ30A データシート(HTML) 4 Page - Dongguan City Niuhang Electronics Co.LTD

  SMAJ30A Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SMAJ30A Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SMAJ30A Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD SMAJ30A Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD SMAJ30A Datasheet HTML 5Page - Dongguan City Niuhang Electronics Co.LTD SMAJ30A Datasheet HTML 6Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
http://www.dgniuhang.com
Page: 4 of 6
Date:2014/10/20
Rev.:AA
TRANSIENT VOLTAGE SUPPRESSOR DIODES
SMAJ5.0A/CA THRU SMAJ300A/CA
0
20
40
60
80
100
0
25
50
75
100
125
150
175
T
A-Ambient temperature (ºC)
1
10
100
1000
10000
1.0
10.0
100.0
1000.0
Tj=25ºC
f=1.0MHz
Vsig=50mVp-p
Uni-directional V=0V
Bi-directional V=0V
Uni-directional @V
R
Bi-directional @V
R
V
BR - Reverse Breakdown Voltage (V)
Figure 3 - Pulse Derating Curve
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
IPPM
2
TJ =25°C
Pulse Width(td) is de�ned
as the point where the peak
current decays to 50% of IPPM
10/100
0µsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
Figure 4 - PulseWaveform
Figure 5 -Typical Junction Capacitance
0
25
50
75
100
125
150
175
T
A - Ambient Temperature (ºC)
3.0
0.6
1.2
1.8
3.6
2.4
0
Figure 6 - Steady State Power Dissipation Derating
Curve
0
5
10
15
20
25
30
35
40
45
1
1
0
100
Number of Cycles at 60 Hz
Figure 7 - Maximum Non-Repetitive Forward Surge
Current Uni-Directional Only


同様の部品番号 - SMAJ30A

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SMAJ30A JGD-SMAJ30A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMAJ30A LUGUANG-SMAJ30A Datasheet
844Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
Vishay Siliconix
SMAJ30A VISHAY-SMAJ30A Datasheet
109Kb / 6P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Shenzhen Luguang Electr...
SMAJ30A LUGUANG-SMAJ30A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
Shanghai Shunye Electro...
SMAJ30A SHUNYE-SMAJ30A Datasheet
375Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - SMAJ30A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com