データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74439369056 データシート(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74439369056
部品情報  WE-XHMI SMD Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74439369056 データシート(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74439369056 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74439369056 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74439369056 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74439369056 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74439369056 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74439369056 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 74439369056 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-XHMI of
Würth Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to
thepressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the
electricalas well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and
termination ofthe product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority
ofthe customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins
ortermination.
Direct mechanical impact to the product shall be prevented as the iron powder material of the core could flake or in the worst case it
couldbreak.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
• The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void
thewarranty.
• All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t
beensured.
• Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
• The width dimension of the solder terminal is specified without coating.
• Due to heavy weight of the components of size 6060, 1090 and 1510, strong forces and high accelerations might have the effect to
damage the electrical connection or to harm the circuit board and will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate
and reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
DDe
DIN ISO 2768-1m
DESCRIPTION
WE-XHMI SMD Power Inductor
ORDER CODE
74439369056
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
1090
001.000
Valid
2016-04-01
eiSos
6/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74439369056

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74439369015 WURTH-74439369015 Datasheet
748Kb / 7P
   WE-XHMI SMT Power Inductor
001.000
74439369022 WURTH-74439369022 Datasheet
408Kb / 7P
   WE-XHMI SMD Power Inductor
74439369033 WURTH-74439369033 Datasheet
481Kb / 7P
   WE-XHMI SMD Power Inductor
74439369047 WURTH-74439369047 Datasheet
482Kb / 7P
   WE-XHMI SMD Power Inductor
74439369068 WURTH-74439369068 Datasheet
482Kb / 7P
   WE-XHMI SMD Power Inductor
More results

同様の説明 - 74439369056

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74439358068 WURTH-74439358068 Datasheet
484Kb / 7P
   WE-XHMI SMD Power Inductor
74439369022 WURTH-74439369022 Datasheet
408Kb / 7P
   WE-XHMI SMD Power Inductor
74439370100 WURTH-74439370100 Datasheet
499Kb / 7P
   WE-XHMI SMD Power Inductor
74439358010 WURTH-74439358010 Datasheet
485Kb / 7P
   WE-XHMI SMD Power Inductor
74439346068 WURTH-74439346068 Datasheet
483Kb / 7P
   WE-XHMI SMD Power Inductor
74439370220 WURTH-74439370220 Datasheet
499Kb / 7P
   WE-XHMI SMD Power Inductor
744393440018 WURTH-744393440018 Datasheet
484Kb / 7P
   WE-XHMI SMD Power Inductor
74439346047 WURTH-74439346047 Datasheet
482Kb / 7P
   WE-XHMI SMD Power Inductor
74439370047 WURTH-74439370047 Datasheet
536Kb / 7P
   WE-XHMI SMD Power Inductor
74439370150 WURTH-74439370150 Datasheet
499Kb / 7P
   WE-XHMI SMD Power Inductor
744393440056 WURTH-744393440056 Datasheet
484Kb / 7P
   WE-XHMI SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com