データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN7023 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FAN7023
部品情報  1W CMOS Mono Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7023 データシート(HTML) 5 Page - Fairchild Semiconductor

  FAN7023 Datasheet HTML 1Page - Fairchild Semiconductor FAN7023 Datasheet HTML 2Page - Fairchild Semiconductor FAN7023 Datasheet HTML 3Page - Fairchild Semiconductor FAN7023 Datasheet HTML 4Page - Fairchild Semiconductor FAN7023 Datasheet HTML 5Page - Fairchild Semiconductor FAN7023 Datasheet HTML 6Page - Fairchild Semiconductor FAN7023 Datasheet HTML 7Page - Fairchild Semiconductor FAN7023 Datasheet HTML 8Page - Fairchild Semiconductor FAN7023 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FAN7023
5
Performance Characteristics (Continued)
-0.2
0.00.2
0.40.6
0.81.0
1.21.4
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VDD=5V
RL=8
F=1kHz
Output Power [W]
0.0
0.1
0.2
0.3
0.4
0.5
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
VDD=3.3V
RL=8
F=1kHz
Output Power [W]
100
1k
10k
100k
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
VDD=5V
RL=8
V
ripple=500mVp-p
Frequency [Hz]
100
1k
10k
100k
-80
-70
-60
-50
-40
-30
-20
-10
0
C
BP=0.1uF
C
BP=0.47uF
C
BP=1uF
C
BP=4.7uF
C
BP=10uF
VDD=5V
RL=8, C
in=0.47uF
V
ripple=500mVp-p
Frequency [Hz]
100
1k
10k
100k
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
VDD=3.3V
RL=8
V
ripple=500mVp-p
Frequency [Hz]
100
1k
10k
100k
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
VDD=2.6V
RL=8
V
ripple=500mVp-p
Frequency [Hz]
Figure 7. Power Supply Rejection Ratio, VDD =5V
Figure 8. Power Supply Rejection
Ratio with Capacitor, VDD =5V
Figure 9. Power Supply Rejection Ratio, VDD =3.3V
Figure 10. Power Supply Rejection Ratio, VDD =2.6V
Figure 11. Power Dissipation vs. Output Power, VDD =5V
Figure 12. Power Dissipation vs. Output Power, VDD =3.3V
Input Floating
Input Terminated to GND
Input Floating
Input Floating
@ THD
≤ 1% (No Filter)
@ THD
≤ 1% (No Filter)


同様の部品番号 - FAN7023

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN7021 FAIRCHILD-FAN7021 Datasheet
85Kb / 10P
   CMOS Power Amplifier
FAN7021M FAIRCHILD-FAN7021M Datasheet
85Kb / 10P
   CMOS Power Amplifier
FAN7024 FAIRCHILD-FAN7024 Datasheet
372Kb / 16P
   675mW CMOS Mono Power Amplifier with Shutdown
FAN7024MPX FAIRCHILD-FAN7024MPX Datasheet
372Kb / 16P
   675mW CMOS Mono Power Amplifier with Shutdown
FAN7024MU FAIRCHILD-FAN7024MU Datasheet
372Kb / 16P
   675mW CMOS Mono Power Amplifier with Shutdown
More results

同様の説明 - FAN7023

メーカー部品番号データシート部品情報
logo
Shenzhen Naxinwei Techn...
NS4890 NSIWAY-NS4890 Datasheet
193Kb / 2P
   1W mono audio power amplifier
logo
NTE Electronics
NTE7051 NTE-NTE7051 Datasheet
20Kb / 2P
   Integrated Circuit 1W BTL Mono Audio Amplifier
logo
Fairchild Semiconductor
FAN7024 FAIRCHILD-FAN7024 Datasheet
372Kb / 16P
   675mW CMOS Mono Power Amplifier with Shutdown
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
Aplus Intergrated Circu...
AP4890B APLUS-AP4890B Datasheet
325Kb / 15P
   1W AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7116 PANASONIC-AN7116 Datasheet
87Kb / 3P
   1W AUDIO POWER AMPLIFIER CIRCUIT
logo
Princeton Technology Co...
PT2307 PTC-PT2307 Datasheet
208Kb / 4P
   1W Audio Power Integration Amplifier
logo
Shenzhen Huazhimei Semi...
HM4990 HMSEMI-HM4990 Datasheet
841Kb / 12P
   1.25W Mono Audio Power Amplifier
logo
Silan Microelectronics ...
SA7411 SILAN-SA7411 Datasheet
90Kb / 4P
   1CH AUDIO POWER AMPLIFIER(1W)
logo
STMicroelectronics
STA5100 STMICROELECTRONICS-STA5100 Datasheet
146Kb / 14P
   140W MONO BASH POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com