データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC72-3.3MUA データシート(PDF) 3 Page - Microchip Technology

部品番号 TC72-3.3MUA
部品情報  Digital Temperature Sensor with SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-3.3MUA データシート(HTML) 3 Page - Microchip Technology

  TC72-3.3MUA Datasheet HTML 1Page - Microchip Technology TC72-3.3MUA Datasheet HTML 2Page - Microchip Technology TC72-3.3MUA Datasheet HTML 3Page - Microchip Technology TC72-3.3MUA Datasheet HTML 4Page - Microchip Technology TC72-3.3MUA Datasheet HTML 5Page - Microchip Technology TC72-3.3MUA Datasheet HTML 6Page - Microchip Technology TC72-3.3MUA Datasheet HTML 7Page - Microchip Technology TC72-3.3MUA Datasheet HTML 8Page - Microchip Technology TC72-3.3MUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2011 Microchip Technology Inc.
DS21743B-page 3
TC72
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings
VDD........................................................................ 6.0V
All inputs and outputs w.r.t. GND ...-0.3V to VDD +0.3V
Storage temperature .......................... -65°C to +150°C
Ambient temp. with power applied ..... -55°C to +125°C
Junction Temperature ........................................ 150°C
ESD protection on all pins:
Human Body Model (HBM)............................. > 4 kV
Man Machine Model (MM)............................. > 400V
Latch-Up Current at each pin ........................ ±200 mA
Maximum Power Dissipation........................... 250 mW
† Notice: Stresses above those listed under "Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, all parameters apply at V
DD = 2.65V to 5.5V,
TA = -55°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Supply
Operating Voltage Range
VDD
2.65
5.5
V
Note 1
Operating Current:
Normal Mode, ADC Active
IDD-CON
250
400
µA
Continuous Temperature Conversion
mode (Shutdown Bit = ‘0’)
Shut-Down Supply Current
ISHD
0.1
1.0
µA
Shutdown mode (Shutdown Bit = ‘1’)
Temperature Sensor and Analog-to-Digital Converter
Temperature Accuracy
(Note 1)
TACY
-2.0
+2.0
°C
-40°C < TA < +85°C
-3.0
+3.0
-55°C < TA < +125°C
Resolution
10
Bits
Note 4
ADC Conversion Time
tCONV
150
200
ms
Digital Input / Output
High Level Input Voltage
VIH
0.7 VDD
——
V
Low Level Input Voltage
VIL
——
0.2 VDD
V
High Level Output Voltage
VOH
0.7 VDD
——
V
IOH = 1 mA
Low Level Output Voltage
VOL
——
0.2 VDD
VIOL = 4 mA
Input Resistance
RIN
1.0
M
Ω
Pin Capacitance
CIN
—15
pF
COUT
—50
Note 1:
The TC72-2.8MXX, TC72-3.3MXX and TC72-5.0MXX will operate from a supply voltage of 2.65V to 5.5V.
However, the TC72-2.8MXX, TC72-3.3MXX and TC72-5.0MXX are tested and specified at the nominal
operating voltages of 2.8V, 3.3V and 5.0V respectively. As VDD varies from the nominal operating value,
the accuracy may be degraded. Refer to Figure 2-5 and Figure 2-6.
2:
Measured with a load of CL = 50 pF on the SDO output pin of the TC72.
3:
All time measurements are measured with respect to the 50% point of the signal, except for the SCK rise
and fall times. The rise and fall times are defined as the 10% to 90% transition time.
4:
Resolution = Temperature Range/No. of Bits = (+127°C – -128°C) / (210) = 256/1024 = 0.25°C/Bit


同様の部品番号 - TC72-3.3MUA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC72-3.3MUA MICROCHIP-TC72-3.3MUA Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72-3.3MUATR MICROCHIP-TC72-3.3MUATR Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results

同様の説明 - TC72-3.3MUA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com