データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Y1174A データシート(PDF) 4 Page - Keysight Technologies

部品番号 Y1174A
部品情報  RF Switch Platform
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

Y1174A データシート(HTML) 4 Page - Keysight Technologies

  Y1174A Datasheet HTML 1Page - Keysight Technologies Y1174A Datasheet HTML 2Page - Keysight Technologies Y1174A Datasheet HTML 3Page - Keysight Technologies Y1174A Datasheet HTML 4Page - Keysight Technologies Y1174A Datasheet HTML 5Page - Keysight Technologies Y1174A Datasheet HTML 6Page - Keysight Technologies Y1174A Datasheet HTML 7Page - Keysight Technologies Y1174A Datasheet HTML 8Page - Keysight Technologies Y1174A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
04 | Keysight | L4490A/91A RF Switch Platform – Data Sheet
Customizable two-layer front panel
Pre-drilled bottom
plate for mounting
RF switches and
other components
Place up to 4 distribution
boards here for easy control
of switches and attenuators
Switch drive
controller
Figure 1. L4490A RF switch platform
Power and LED status indicators
Customizable rear panel
for RF connectors
Lan and GPIB control


同様の部品番号 - Y1174A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
Y1170A KEYSIGHT-Y1170A Datasheet
4Mb / 19P
   RF Switch Platform
Y1171A KEYSIGHT-Y1171A Datasheet
4Mb / 19P
   RF Switch Platform
logo
Vishay Siliconix
Y117212K7560A0R VISHAY-Y117212K7560A0R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A0W VISHAY-Y117212K7560A0W Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A9R VISHAY-Y117212K7560A9R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
More results

同様の説明 - Y1174A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
L4491A KEYSIGHT-L4491A Datasheet
4Mb / 19P
   RF Switch Platform
Y1171A KEYSIGHT-Y1171A Datasheet
4Mb / 19P
   RF Switch Platform
Y1175A KEYSIGHT-Y1175A Datasheet
4Mb / 19P
   RF Switch Platform
Y1173A KEYSIGHT-Y1173A Datasheet
4Mb / 19P
   RF Switch Platform
Y1170A KEYSIGHT-Y1170A Datasheet
4Mb / 19P
   RF Switch Platform
Y1172A KEYSIGHT-Y1172A Datasheet
4Mb / 19P
   RF Switch Platform
L4490A KEYSIGHT-L4490A Datasheet
4Mb / 19P
   RF Switch Platform Data
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
   RF Switch
logo
Lucky Light Electronic
PE4245 LUCKY-LIGHT-PE4245_15 Datasheet
264Kb / 8P
   RF Switch
PE4251 LUCKY-LIGHT-PE4251_15 Datasheet
225Kb / 9P
   RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com