データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Y1175A データシート(PDF) 6 Page - Keysight Technologies

部品番号 Y1175A
部品情報  RF Switch Platform
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

Y1175A データシート(HTML) 6 Page - Keysight Technologies

Back Button Y1175A Datasheet HTML 2Page - Keysight Technologies Y1175A Datasheet HTML 3Page - Keysight Technologies Y1175A Datasheet HTML 4Page - Keysight Technologies Y1175A Datasheet HTML 5Page - Keysight Technologies Y1175A Datasheet HTML 6Page - Keysight Technologies Y1175A Datasheet HTML 7Page - Keysight Technologies Y1175A Datasheet HTML 8Page - Keysight Technologies Y1175A Datasheet HTML 9Page - Keysight Technologies Y1175A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
06 | Keysight | L4490A/91A RF Switch Platform – Data Sheet
For even more time savings 2D and 3D
models of the switch mounting system,
switches and brackets are provided in .dxf,
.stp and .igs formats. This enables you to
quickly layout cable routing and document
your solution in your own modeling tools.
See Figure 4.
Easy Servicability
With the switch mounting system,
switches are easily replaced through the
bottom of the box without disturbing the
RF cabling. See Figure 5.
Switch drive and readback
capabilities
The Keysight L4490A/91A integrates the
power and control signals for all of the
most popular RF and uW switches and
attenuators. It comes standard with 64
switch coil drive lines – that’s enough to
control 32 standard SPDT switches or 8
multiport switches. With Option 002, it’s
expandable to control another 64 coils. In
addition, access to the 5 V, 12 V and 24 V
supplies is also available to control other
devices in your RF switch matrix. If you
need more control and monitoring lines,
Option 004 adds 16 digital IO lines and 28
additional relay drive lines.
The L4490A/91A uses distribution boards
for simple connections to the switches us-
ing standard ribbon cables.
The distribution boards also have digital
inputs so you can read back the actual
position of the switch, giving you more
confidence in switch closures. Use digital
outputs to drive LEDs to show the actual
switch position.
Supported components
The following Keysight microwave switch-
es and attenuators are directly supported
with the Y1150A-Y1155A distribution
boards:
– N181x/U9397x Series SPDT switches
– 8762/3/4 Series SPDT switches
– 8765x coaxial switches
– 8766x/8767x/8768x multiport
switches
– 87104x/106x/L710xx/L720xx multi-
port switches
– 87406x Series matrix switches
– 87204x/206x Series multiport
switches
– 87606x Series matrix switches
– 87222x/L7222 transfer
switches
– 849x/8490x Series attenuators
– Other switches and devices-
through individual screw terminal
connections
The Y1156A diagnostics board tests
the L4490A/91A to ensure all the con-
trol signals are being delivered to the
switches. This test is easily done using
the switch sequences supplied through
the web interface.
Figure 5: Easy to service the unit without
disturbing the RF cabling
Figure 4: 3D models


同様の部品番号 - Y1175A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
Y1170A KEYSIGHT-Y1170A Datasheet
4Mb / 19P
   RF Switch Platform
Y1171A KEYSIGHT-Y1171A Datasheet
4Mb / 19P
   RF Switch Platform
logo
Vishay Siliconix
Y117212K7560A0R VISHAY-Y117212K7560A0R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A0W VISHAY-Y117212K7560A0W Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A9R VISHAY-Y117212K7560A9R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
More results

同様の説明 - Y1175A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
L4491A KEYSIGHT-L4491A Datasheet
4Mb / 19P
   RF Switch Platform
Y1171A KEYSIGHT-Y1171A Datasheet
4Mb / 19P
   RF Switch Platform
Y1173A KEYSIGHT-Y1173A Datasheet
4Mb / 19P
   RF Switch Platform
Y1170A KEYSIGHT-Y1170A Datasheet
4Mb / 19P
   RF Switch Platform
Y1172A KEYSIGHT-Y1172A Datasheet
4Mb / 19P
   RF Switch Platform
Y1174A KEYSIGHT-Y1174A Datasheet
4Mb / 19P
   RF Switch Platform
L4490A KEYSIGHT-L4490A Datasheet
4Mb / 19P
   RF Switch Platform Data
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
   RF Switch
logo
Lucky Light Electronic
PE4245 LUCKY-LIGHT-PE4245_15 Datasheet
264Kb / 8P
   RF Switch
PE4251 LUCKY-LIGHT-PE4251_15 Datasheet
225Kb / 9P
   RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com