データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ILC6363CIR50X データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 ILC6363CIR50X
部品情報  Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC6363CIR50X データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button ILC6363CIR50X Datasheet HTML 6Page - Fairchild Semiconductor ILC6363CIR50X Datasheet HTML 7Page - Fairchild Semiconductor ILC6363CIR50X Datasheet HTML 8Page - Fairchild Semiconductor ILC6363CIR50X Datasheet HTML 9Page - Fairchild Semiconductor ILC6363CIR50X Datasheet HTML 10Page - Fairchild Semiconductor ILC6363CIR50X Datasheet HTML 11Page - Fairchild Semiconductor ILC6363CIR50X Datasheet HTML 12Page - Fairchild Semiconductor ILC6363CIR50X Datasheet HTML 13Page - Fairchild Semiconductor ILC6363CIR50X Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ILC6363
PRODUCT SPECIFICATION
10
REV. 1.3.5 5/21/02
Typical Performance Characteristics ILC6363CIR-ADJ
Unless otherwise specified: TA = 25°C, CIN = 100µF, COUT = 100µF, L = 15µH, VOUT = 3.6V
100
010
20
IOUT (mA)
Efficiency vs Output Current (PFM Mode)
30
40
50
95
90
85
80
75
100
0
100
200
IOUT (mA)
Efficiency vs Output Current (PWM Mode)
300
400
500
95
90
85
80
75
3.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
3.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
88
90
92
94
96
98
2.8
3.0
3.2
VIN (V)
Efficiency vs Input Voltage (PFM Mode)
3.4
3.6
3.8
4.0
4.2
2.8
3.0
3.2
VIN (V)
IOUT (mA)
3.4
3.6
3.8
4.0
4.2
2.8
3.0
3.2
VIN (V)
3.4
3.6
3.8
4.0
4.2
0
50 100 150 200 250 300 350 400 450 500
86
84
82
80
78
98
Efficiency vs Input Voltage (PWM Mode)
Line Regulation
Load Regulation
94
90
86
82
78
VIN=3.4V
VIN=3.4V
VIN=3.4V
IOUT=50mA
IOUT=50mA
IOUT=50mA
IOUT=40mA
IOUT=10mA
IOUT=5mA
IOUT=20mA
IOUT=100mA
IOUT=200mA
IOUT=200mA
IOUT=400mA
IOUT=400mA
IOUT=300mA
VOUT=(nom)=3.6V
IOUT=3mA
IOUT=500mA
IOUT=500mA
VIN=2.8V
VIN=2.8V
VIN=2.8V
VIN=3.2V
VIN=3.2V
VIN=3.2V
VIN=3V
VIN=3.0V
VIN=3.0V
VIN=3.6V
VIN=3.6V
VIN=3.6V
VIN=3.8V
VIN=3.8V
VIN=3.8V
VIN=4V
VIN=4.0V
VIN=4.0V
VIN=4.2V
VIN=4.2V
VIN=4.2V


同様の部品番号 - ILC6363CIR50X

メーカー部品番号データシート部品情報
logo
Impala Linear Corporati...
ILC6360 IMPALA-ILC6360 Datasheet
687Kb / 14P
   STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
ILC6360CIR-36 IMPALA-ILC6360CIR-36 Datasheet
687Kb / 14P
   STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
ILC6360CIR-ADJ IMPALA-ILC6360CIR-ADJ Datasheet
687Kb / 14P
   STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
More results

同様の説明 - ILC6363CIR50X

メーカー部品番号データシート部品情報
logo
Impala Linear Corporati...
ILC6360 IMPALA-ILC6360 Datasheet
687Kb / 14P
   STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
logo
Mitsumi Electronics, Co...
MM1291AF MITSUMI-MM1291AF Datasheet
172Kb / 7P
   Protection of Lithium Ion Batteries (one cell)
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
logo
Mitsubishi Electric Sem...
MM1301 MITSUBISHI-MM1301 Datasheet
95Kb / 5P
   Protection of Lithium Ion Batteries (one cell) Monolithic IC
logo
Shenzhen Huazhimei Semi...
HM4057B HMSEMI-HM4057B Datasheet
1Mb / 8P
   single cell lithium-ion and Lithium-Polymer batteries
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
   2-Cell, 200mA, Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com