データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP139 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC10EP139
部品情報  Clock Generation Chip
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP139 データシート(HTML) 2 Page - ON Semiconductor

  MC10EP139_16 Datasheet HTML 1Page - ON Semiconductor MC10EP139_16 Datasheet HTML 2Page - ON Semiconductor MC10EP139_16 Datasheet HTML 3Page - ON Semiconductor MC10EP139_16 Datasheet HTML 4Page - ON Semiconductor MC10EP139_16 Datasheet HTML 5Page - ON Semiconductor MC10EP139_16 Datasheet HTML 6Page - ON Semiconductor MC10EP139_16 Datasheet HTML 7Page - ON Semiconductor MC10EP139_16 Datasheet HTML 8Page - ON Semiconductor MC10EP139_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MC10EP139, MC100EP139
www.onsemi.com
2
CLK
Figure 1. 20-Lead Pinout (Top View)
CLK
MR
VCC
Q0
Q1
Q1
Q2
Q2
Q3
Q3
VEE
EN
VCC
Q0
VBB
Warning: All VCC and VEE pins must be externally connected to
a Power Supply to guarantee proper operation.
DIVSELb0
DIVSELb1
DIVSELa
VCC
MC10/100EP139
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Table 1. PIN DESCRIPTION
PIN
FUNCTION
CLK*, CLK*
ECL Differential Clock Inputs
EN*
ECL Sync Enable
MR*
ECL Master Reset
VBB
ECL Reference Output
Q0, Q1, Q0, Q1
ECL Differential B2/4 Outputs
Q2, Q3, Q2, Q3
ECL Differential B4/5/6 Outputs
DIVSELa*
ECL Frequency Select Input B2/4
DIVSELb0*
ECL Frequency Select Input B4/5/6
DIVSELb1*
ECL Frequency Select Input B4/5/6
VCC
ECL Positive Supply
VEE
ECL Negative Supply
EP
Exposed Pad
*Pins will default low when left open.
1
2
3
4
5
15
14
13
12
11
67
8
9
10
20
19
18
17
16
Figure 2. QFN-20 Pinout (Top View)
Q1
Q1
Q2
Q2
Q3
CLK
CLK
MR
DIVSELb0
VBB
Exposed Pad
MC10/100EP139
Warning: All VCC and VEE pins must be externally connected to a Power Supply to
guarantee proper operation.
The Exposed Pad (EP) on package bottom must be attached to a heat-sinking con-
duit. The Exposed Pad may only be electrically connected to VEE.


同様の部品番号 - MC10EP139_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP139DT ONSEMI-MC10EP139DT Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
MC10EP139DT ONSEMI-MC10EP139DT Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC10EP139DTG ONSEMI-MC10EP139DTG Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC10EP139DTR2 ONSEMI-MC10EP139DTR2 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
MC10EP139DTR2 ONSEMI-MC10EP139DTR2 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
More results

同様の説明 - MC10EP139_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34_16 Datasheet
173Kb / 9P
   Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL39 ONSEMI-MC100LVEL39_16 Datasheet
160Kb / 6P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
MC100LVEL38 ONSEMI-MC100LVEL38 Datasheet
128Kb / 5P
   첨2, 첨4/6 Clock Generation Chip
1996 REV 1
MC100EL38 ONSEMI-MC100EL38 Datasheet
160Kb / 6P
   5V ECL Clock Generation Chip
July, 2016 ??Rev. 9
MC100EL39 ONSEMI-MC100EL39_16 Datasheet
159Kb / 7P
   5 V ECL Clock Generation Chip
July, 2016 ??Rev. 8
MC100LVEP34 ONSEMI-MC100LVEP34_14 Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
logo
Motorola, Inc
MC100LVEL39 MOTOROLA-MC100LVEL39 Datasheet
127Kb / 4P
   첨2/4,첨4/6 Clock Generation Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com