データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP89MNR4G データシート(PDF) 6 Page - ON Semiconductor

部品番号 MC10EP89MNR4G
部品情報  ECL Coaxial Cable Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP89MNR4G データシート(HTML) 6 Page - ON Semiconductor

Back Button MC10EP89MNR4G Datasheet HTML 2Page - ON Semiconductor MC10EP89MNR4G Datasheet HTML 3Page - ON Semiconductor MC10EP89MNR4G Datasheet HTML 4Page - ON Semiconductor MC10EP89MNR4G Datasheet HTML 5Page - ON Semiconductor MC10EP89MNR4G Datasheet HTML 6Page - ON Semiconductor MC10EP89MNR4G Datasheet HTML 7Page - ON Semiconductor MC10EP89MNR4G Datasheet HTML 8Page - ON Semiconductor MC10EP89MNR4G Datasheet HTML 9Page - ON Semiconductor MC10EP89MNR4G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC10EP89
http://onsemi.com
6
Table 8. AC CHARACTERISTICS VCC = 0V; VEE = -3.0 V to -5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 14)
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle
(See Figure 2 Fmax/JITTER)
> 2
> 2
> 2
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
220
280
340
250
310
370
270
330
390
ps
tSKEW
Within Device Skew
Q, Q
Device to Device Skew (Note 15)
5.0
20
120
5.0
20
120
5.0
20
120
ps
tJITTER
Cycle-to-Cycle Jitter
(See Figure 2 Fmax/JITTER)
.5
< 1
.5
< 1
.5
< 1
ps
VPP
Input Voltage Swing
(Differential Configuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% - 80%)
175
250
325
200
275
350
225
295
375
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
14. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC-3.0 V.
15. Skew is measured between outputs under identical transitions.
0
200
400
600
800
1000
1200
1400
1600
1800
0
1000
2000
3000
4000
5000
1
2
3
4
5
6
7
8
9
Figure 2. Fmax/Jitter
FREQUENCY (MHz)
(JITTER)
3.3 V
5 V


同様の部品番号 - MC10EP89MNR4G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP89MNR4G ONSEMI-MC10EP89MNR4G Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
More results

同様の説明 - MC10EP89MNR4G

メーカー部品番号データシート部品情報
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89_12 Datasheet
437Kb / 6P
   PECL/ECL Coaxial Cable Driver
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
logo
List of Unclassifed Man...
AZ10EL89 ETC1-AZ10EL89 Datasheet
134Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89 Datasheet
115Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com