データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H105FNG データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC10H105FNG
部品情報  Triple 2?????륤nput OR/NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H105FNG データシート(HTML) 3 Page - ON Semiconductor

  MC10H105FNG Datasheet HTML 1Page - ON Semiconductor MC10H105FNG Datasheet HTML 2Page - ON Semiconductor MC10H105FNG Datasheet HTML 3Page - ON Semiconductor MC10H105FNG Datasheet HTML 4Page - ON Semiconductor MC10H105FNG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10H105
www.onsemi.com
3
Table 3. AC CHARACTERISTICS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
0.43
1.2
0.4
1.2
0.4
1.3
ns
tr
Rise Time
0.5
1.5
0.5
1.6
0.5
1.7
ns
tf
Fall Time
0.5
1.5
0.5
1.6
0.5
1.7
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


同様の部品番号 - MC10H105FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H105FNG ONSEMI-MC10H105FNG Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
More results

同様の説明 - MC10H105FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H107 ONSEMI-MC10H107_16 Datasheet
136Kb / 5P
   Triple 2?륤nput Exclusive OR/Exclusive NOR Gate
August, 2016 ??Rev. 8
MC10H102 ONSEMI-MC10H102_16 Datasheet
138Kb / 4P
   Quad 2?륤nput NOR Gate
August, 2016 ??Rev. 8
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10105 ONSEMI-MC10105_02 Datasheet
107Kb / 8P
   Triple 2-3-2-Input OR/NOR Gate
January, 2002 ??Rev. 7
MC10105 ONSEMI-MC10105 Datasheet
100Kb / 5P
   Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
MC10H105 ONSEMI-MC10H105 Datasheet
94Kb / 3P
   Triple 2-3-2-Input OR/NOR Gate
REV 5
MC10E101 ONSEMI-MC10E101_16 Datasheet
153Kb / 7P
   5V ECL Quad 4?륤nput OR/NOR Gate
July, 2016 ??Rev. 9
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
MC10H107 ONSEMI-MC10H107_06 Datasheet
151Kb / 6P
   Triple 2?묲nput Exclusive OR/Exclusive NOR Gate
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com