データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H105FNG データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC10H105FNG
部品情報  Triple 2?????륤nput OR/NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H105FNG データシート(HTML) 4 Page - ON Semiconductor

  MC10H105FNG Datasheet HTML 1Page - ON Semiconductor MC10H105FNG Datasheet HTML 2Page - ON Semiconductor MC10H105FNG Datasheet HTML 3Page - ON Semiconductor MC10H105FNG Datasheet HTML 4Page - ON Semiconductor MC10H105FNG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC10H105
www.onsemi.com
4
PACKAGE DIMENSIONS
20 LEAD PLLC
FN SUFFIX
CASE 775−02
ISSUE F
−M−
−N−
−L−
Y BRK
W
V
D
D
S
L-M
M
0.007 (0.180)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
S
L-M
S
0.010 (0.250)
N S
T
X
G1
B
U
Z
VIEW D−D
20
1
S
L-M
M
0.007 (0.180)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
S
L-M
S
0.010 (0.250)
N S
T
C
G
VIEW S
E
J
R
Z
A
0.004 (0.100)
−T− SEATING
PLANE
S
L-M
M
0.007 (0.180)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
H
VIEW S
K
K1
F
G1
NOTES:
1. DIMENSIONS AND TOLERANCING PER ANSI Y14.5M,
1982.
2. DIMENSIONS IN INCHES.
3. DATUMS −L−, −M−, AND −N− DETERMINED WHERE TOP
OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD
PARTING LINE.
4. DIMENSION G1, TRUE POSITION TO BE MEASURED AT
DATUM −T−, SEATING PLANE.
5. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH.
ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE.
6. DIMENSIONS IN THE PACKAGE TOP MAY BE SMALLER
THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300).
DIMENSIONS R AND U ARE DETERMINED AT THE
OUTERMOST EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE
BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY
MISMATCH BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION
TO BE GREATER THAN 0.037 (0.940). THE DAMBAR
INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO
BE SMALLER THAN 0.025 (0.635).
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.385
0.395
9.78
10.03
B
0.385
0.395
9.78
10.03
C
0.165
0.180
4.20
4.57
E
0.090
0.110
2.29
2.79
F
0.013
0.021
0.33
0.53
G
0.050 BSC
1.27 BSC
H
0.026
0.032
0.66
0.81
J
0.020
−−−
0.51
−−−
K
0.025
−−−
0.64
−−−
R
0.350
0.356
8.89
9.04
U
0.350
0.356
8.89
9.04
V
0.042
0.048
1.07
1.21
W
0.042
0.048
1.07
1.21
X
0.042
0.056
1.07
1.42
Y
−−−
0.020
−−−
0.50
Z
2
10
2
10
G1
0.310
0.330
7.88
8.38
K1
0.040
−−−
1.02
−−−
____


同様の部品番号 - MC10H105FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H105FNG ONSEMI-MC10H105FNG Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
More results

同様の説明 - MC10H105FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H107 ONSEMI-MC10H107_16 Datasheet
136Kb / 5P
   Triple 2?륤nput Exclusive OR/Exclusive NOR Gate
August, 2016 ??Rev. 8
MC10H102 ONSEMI-MC10H102_16 Datasheet
138Kb / 4P
   Quad 2?륤nput NOR Gate
August, 2016 ??Rev. 8
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10105 ONSEMI-MC10105_02 Datasheet
107Kb / 8P
   Triple 2-3-2-Input OR/NOR Gate
January, 2002 ??Rev. 7
MC10105 ONSEMI-MC10105 Datasheet
100Kb / 5P
   Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
MC10H105 ONSEMI-MC10H105 Datasheet
94Kb / 3P
   Triple 2-3-2-Input OR/NOR Gate
REV 5
MC10E101 ONSEMI-MC10E101_16 Datasheet
153Kb / 7P
   5V ECL Quad 4?륤nput OR/NOR Gate
July, 2016 ??Rev. 9
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
MC10H107 ONSEMI-MC10H107_06 Datasheet
151Kb / 6P
   Triple 2?묲nput Exclusive OR/Exclusive NOR Gate
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com