データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA1P120HC1R500 データシート(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

部品番号 BA1P120HC1R500
部品情報  0.8mm Pitch Board-to-Board Factory Automation Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JAE [Japan Aviation Electronics Industry, Ltd.]
ホームページ  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

BA1P120HC1R500 データシート(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  BA1P120HC1R500 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. BA1P120HC1R500 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. BA1P120HC1R500 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. BA1P120HC1R500 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MB-0218-1
4/4
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Japan Aviation Electronics Industry, Limited
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2787 FAX: +81-3-3780-2946
Notice: Products shown in this leaflet are made for
the applications listed below. However, if the above-
mentioned products are to be used in aerospace
devices, marine cable-connection devices, atomic
power control systems, medical equipment for life-
support systems, or any other specific application
requiring extremely high reliability, please contact
JAE for further information.
Recommended applications: computers, office
machines, measuring devices, telecommunication
devices (terminals, mobile devices), AV devices,
household applications, FA devices, etc.
* The specifications in this brochure are subject to change without notice. Please contact JAE for
information.
SJ Drawing No.
SJ110310
BA1S120WC1R500 (Socket side, reel product)
SJ110264
BA1S120WC1 (Socket side, individual product) *Note
SJ110309
BA1P120HC1R500 (Pin side, reel product)
JACS -10667
SJ110263
BA1P120HC1 (Pin side, individual product) *Note
Specification
SJ Drawing No.
Part Number
Test Report: SR-C-0961
Applicable Dimensions for Board (for reference)
Pin Side (Angle Type)
  
BA1P120HC1
Socket Side (Straight Type)
  
BA1S120WC1
Note) Only reel products (500 pcs.) are available for sale.
Please contact us concerning sales of individual products.


同様の部品番号 - BA1P120HC1R500

メーカー部品番号データシート部品情報
logo
Carling Technologies
BA1-B0-34-610-121 CARLINGTECH-BA1-B0-34-610-121 Datasheet
3Mb / 18P
   CIRUIT BREAKER
logo
List of Unclassifed Man...
BA101 ETC-BA101 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA102 ETC-BA102 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA103 ETC-BA103 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
logo
Rohm
BA10324 ROHM-BA10324 Datasheet
61Kb / 5P
   Quad ground sense operational
More results

同様の説明 - BA1P120HC1R500

メーカー部品番号データシート部品情報
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
   10Gbps 0.8mm pitch Board to Board Connectors
logo
Harwin Plc
M58-280XX42R HARWIN-M58-280XX42R Datasheet
182Kb / 2P
   FEMALE 0.8MM PITCH BOARD TO BOARD VERTICAL SMT
28.10.21
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
Tyco Electronics
1-316739-4 MACOM-1-316739-4 Datasheet
44Kb / 1P
   ON TAPING EMBOSS CAP ASSEMBLY H-TYPE 0.8MM PITCH BOARD TO BOARD CONNECTOR
logo
EXCEL CELL ELECTRONIC C...
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
   0.8mm Contact Spacing, Board To Wire Connectors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com