データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES5P09K4F2 データシート(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

部品番号 ES5P09K4F2
部品情報  Detachable locking structure (connector retention strength: 16N min.)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JAE [Japan Aviation Electronics Industry, Ltd.]
ホームページ  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ES5P09K4F2 データシート(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  ES5P09K4F2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ES5P09K4F2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ES5P09K4F2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ES5P09K4F2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. ES5P09K4F2 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. ES5P09K4F2 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. ES5P09K4F2 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. ES5P09K4F2 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. ES5P09K4F2 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MB-0246-3
2/9
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
Copper alloy / Sn plating
Socket Contact
Plug Contact
Material / Finish
Component
ES5 S 001 J F A R****
Series
No. of Contacts
Modification Code
Reel Product (Note 1)
Connection Area Plating
F: Sn plating (Pb-free)
Receptacle
Connection to Board
J: SMT angle type
Note 1: An embossed tape reel contains 5,500 pieces.
ES5 P **K * F *
Series
Reel Product
K: Unit quantity, in thousands
(Note 2)
Modification Code
Connection Area Plating
F: Sn plating (Pb-free)
Plug
Applicable Wire Size
Note 2: An embossed tape reel contains 9,000 pieces.
Materials and Finishes
Ordering Information


同様の部品番号 - ES5P09K4F2

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
Ecliptek Corporation
ES51 ECLIPTEK-ES51 Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5106E CYRUSTEK-ES5106E Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results

同様の説明 - ES5P09K4F2

メーカー部品番号データシート部品情報
logo
E-SWITCH
N802104 E-SWITCH-N802104 Datasheet
94Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802106 E-SWITCH-N802106 Datasheet
109Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
logo
TE Connectivity Ltd
C-293300 TEC-C-293300 Datasheet
709Kb / 3P
   IMPROVED LOCKING RETENTION TEETH
logo
E-SWITCH
N802110 E-SWITCH-N802110 Datasheet
169Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
logo
CIT Relay & Switch
MS2205 CIT-MS2205 Datasheet
124Kb / 1P
   DPDT Switch Function, 1000Vrms min Dielectric Strength
logo
E-SWITCH
N802102 E-SWITCH-N802102 Datasheet
77Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
logo
List of Unclassifed Man...
CA3108E10SLA4S ETC2-CA3108E10SLA4S Datasheet
4Mb / 34P
   High strength aluminum alloy connector, High strength plastic insulators
logo
OSA Opto Light GmbH
150234-1060 OSA-150234-1060 Datasheet
43Kb / 2P
   Structure
logo
PHOENIX CONTACT
0443036 PHOENIX-0443036 Datasheet
66Kb / 5P
   Ground modular terminal block - USLKG 16N-1
logo
CITIZEN ELECTRONICS CO....
CLU028-1201C4 CITIZEN-CLU028-1201C4_18 Datasheet
625Kb / 15P
   Ra70 Min, Ra80 Min. Model
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com