データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC4003 データシート(PDF) 2 Page - Inchange Semiconductor Company Limited

部品番号 2SC4003
部品情報  isc Silicon NPN Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4003 データシート(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC4003 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4003 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4003 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
2SC4003
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 50mA; IB= 5mA
0.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 50mA; IB= 5mA
1.0
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 10uA; IB= 0
400
V
V(BR)CEO
Collector-Emitter Breakdown Voltage IC= 1mA; IB= 0
400
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 10uA; IC= 0
5
V
ICBO
Collector Cutoff Current
VCB= 300V; IE= 0
0.1
uA
IEBO
Emitter Cutoff Current
VEB=4V; IC= 0
0.1
uA
hFE
DC Current Gain
IC= 50mA; VCE= 10V
60
200
fT
Current-Gain—Bandwidth Product
IC= 10mA; VCE= 30V
70
MHz
hFE Classifications
D
E
60-120
100-200


同様の部品番号 - 2SC4003

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SC4003 SANYO-2SC4003 Datasheet
78Kb / 3P
   High-Voltage Driver Applications?
logo
TRANSYS Electronics Lim...
2SC4003 TEL-2SC4003 Datasheet
55Kb / 1P
   Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SC4003 KEXIN-2SC4003 Datasheet
46Kb / 2P
   NPN Triple Diffused Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
2SC4003 WINNERJOIN-2SC4003 Datasheet
124Kb / 1P
   TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC4003 FOSHAN-2SC4003 Datasheet
960Kb / 6P
   Silicon NPN transistor in a TO-252 Plastic Package.
More results

同様の説明 - 2SC4003

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com