データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2901DT データシート(PDF) 8 Page - Rohm

部品番号 LM2901DT
部品情報  SIGNATURE SERIES Comparators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

LM2901DT データシート(HTML) 8 Page - Rohm

Back Button LM2901DT Datasheet HTML 4Page - Rohm LM2901DT Datasheet HTML 5Page - Rohm LM2901DT Datasheet HTML 6Page - Rohm LM2901DT Datasheet HTML 7Page - Rohm LM2901DT Datasheet HTML 8Page - Rohm LM2901DT Datasheet HTML 9Page - Rohm LM2901DT Datasheet HTML 10Page - Rohm LM2901DT Datasheet HTML 11Page - Rohm LM2901DT Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200530-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
8/34
6.July.2015 Rev.001
TSZ22111・15・001
LM393xxx
LM2903xx
LM339xx
LM2901xx
Description of Electrical Characteristics
Described below are descriptions of the relevant electrical terms used in this datasheet. Items and symbols used are also
shown. Note that item name and symbol and their meaning may differ from those on another manufacturer’s document or
general document.
1. Absolute maximum ratings
Absolute maximum rating items indicate the condition which must not be exceeded. Application of voltage in excess of absolute
maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics.
(1) Supply Voltage (Vcc
+/ Vcc-)
Indicates the maximum voltage that can be applied between the positive power supply pin and negative power
supply pin without deterioration or destruction of characteristics of internal circuit.
(2) Differential Input Voltage (VID)
Indicates the maximum voltage that can be applied between non-inverting and inverting pins without damaging the
IC.
(3) Input Common-mode Voltage Range (VICM)
Indicates the maximum voltage that can be applied to the non-inverting and inverting pins without deterioration or
destruction of electrical characteristics. Input common-mode voltage range of the maximum ratings does not assure
normal operation of IC. For normal operation, use the IC within the input common-mode voltage range characteristics.
(4) Operating and storage temperature ranges (Topr, Tstg)
The operating temperature range indicates the temperature range within which the IC can operate. The higher the
ambient temperature, the lower the power consumption of the IC. The storage temperature range denotes the range
of temperatures the IC can be stored under without causing excessive deterioration of the electrical characteristics.
(5) Power dissipation (PD)
Indicates the power that can be consumed by the IC when mounted on a specific board at ambient temperature 25°C(normal
temperature). As for package product, PD is determined by the temperature that can be permitted by the IC in the
package (maximum junction temperature) and the thermal resistance of the package.
2. Electrical characteristics
(1) Input Offset Voltage (VIO)
Indicates the voltage difference between non-inverting pin and inverting pins. It can be translated into the input
voltage difference required for setting the output voltage at 0 V.
(2) Input Offset Current (IIO)
Indicates the difference of input bias current between the non-inverting and inverting pins.
(3) Input Bias Current (IB)
Indicates the current that flows into or out of the input pin. It is defined by the average of input bias currents at the
non-inverting and inverting pins.
(4) Large Signal Voltage Gain (AV)
Indicates the amplifying rate (gain) of output voltage against the voltage difference between non-inverting pin and
inverting pin. It is normally the amplifying rate (gain) with reference to DC voltage.
AV = (Output Voltage) / (Differential Input Voltage)
(5) Supply Current (ICC)
Indicates the current that flows within the IC under specified no-load conditions.
(6) Input Common-mode Voltage Range (VICM)
Indicates the input voltage range where IC normally operates.
(7) Output Saturation Voltage, Low Level Output Voltage (VOL)
Signifies the voltage range that can be output under specific output conditions.
(8) Output Leakage Current, High Level Output Current (ILEAK)
Indicates the current that flows into the IC under specific input and output conditions.
(9) Output Sink Current (ISINK)
Denotes the maximum current that can be output from the IC under specific output conditions.
(10) Response Time (tRE)
Response time indicates the delay time between the input and output signal which is determined by the time
difference from the fifty percent of input signal swing to the fifty percent of output signal swing.


同様の部品番号 - LM2901DT

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM2901DT STMICROELECTRONICS-LM2901DT Datasheet
547Kb / 13P
   Low power quad voltage comparator
logo
Rohm
LM2901DT ROHM-LM2901DT Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
logo
ON Semiconductor
LM2901DTBR2 ONSEMI-LM2901DTBR2 Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM2901DTBR2G ONSEMI-LM2901DTBR2G Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
LM2901DTBR2G ONSEMI-LM2901DTBR2G Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
More results

同様の説明 - LM2901DT

メーカー部品番号データシート部品情報
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM358DT ROHM-LM358DT_11 Datasheet
974Kb / 18P
   SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
logo
ATMEL Corporation
AT90SP0801 ATMEL-AT90SP0801 Datasheet
100Kb / 12P
   Secure Signature Generation Chip
logo
Rohm
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
   TROPHY SERIES Comparators
LM393MX ROHM-LM393MX_11 Datasheet
709Kb / 17P
   NOW SERIES Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
   Comparators
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
   Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com