データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM341-LM78MXX データシート(PDF) 1 Page - Texas Instruments

部品番号 LM341-LM78MXX
部品情報  3-Terminal Positive Voltage Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM341-LM78MXX データシート(HTML) 1 Page - Texas Instruments

  LM341-LM78MXX Datasheet HTML 1Page - Texas Instruments LM341-LM78MXX Datasheet HTML 2Page - Texas Instruments LM341-LM78MXX Datasheet HTML 3Page - Texas Instruments LM341-LM78MXX Datasheet HTML 4Page - Texas Instruments LM341-LM78MXX Datasheet HTML 5Page - Texas Instruments LM341-LM78MXX Datasheet HTML 6Page - Texas Instruments LM341-LM78MXX Datasheet HTML 7Page - Texas Instruments LM341-LM78MXX Datasheet HTML 8Page - Texas Instruments LM341-LM78MXX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM341/LM78MXX
www.ti.com
SNVS090E – MAY 2004 – REVISED AUGUST 2005
LM341/LM78MXX Series 3-Terminal Positive Voltage Regulators
Check for Samples: LM341/LM78MXX
1
FEATURES
DESCRIPTION
The LM341 and LM78MXX series of three-terminal
2
Output Current in Excess of 0.5A
positive voltage regulators employ built-in current
No External Components
limiting, thermal shutdown, and safe-operating area
Internal Thermal Overload Protection
protection which makes them virtually immune to
damage from output overloads.
Internal Short Circuit Current-Limiting
Output Transistor Safe-Area Compensation
With adequate heatsinking, they can deliver in excess
of 0.5A output current. Typical applications would
Available in TO-220, TO, and PFM D-PAK
include local (on-card) regulators which can eliminate
Packages
the noise and degraded performance associated with
Output Voltages of 5V, 12V, and 15V
single-point regulation.
Connection Diagram
Figure 1. TO Metal Can Package (NDT) - Bottom View
See Package Number NDT0003A
Figure 2. TO-220 Power Package (NDE) - Top View
See Package Number NDE0003B
Figure 3. PFM - Top View
See Package Number NDP0003B
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM341-LM78MXX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM341-LM78M NSC-LM341-LM78M Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
More results

同様の説明 - LM341-LM78MXX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com