データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM78M05CDTX データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM78M05CDTX
部品情報  3-Terminal Positive Voltage Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM78M05CDTX データシート(HTML) 9 Page - Texas Instruments

Back Button LM78M05CDTX Datasheet HTML 5Page - Texas Instruments LM78M05CDTX Datasheet HTML 6Page - Texas Instruments LM78M05CDTX Datasheet HTML 7Page - Texas Instruments LM78M05CDTX Datasheet HTML 8Page - Texas Instruments LM78M05CDTX Datasheet HTML 9Page - Texas Instruments LM78M05CDTX Datasheet HTML 10Page - Texas Instruments LM78M05CDTX Datasheet HTML 11Page - Texas Instruments LM78M05CDTX Datasheet HTML 12Page - Texas Instruments LM78M05CDTX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LM341/LM78MXX
www.ti.com
SNVS090E – MAY 2004 – REVISED AUGUST 2005
Table 1.
θJA Different Heatsink Area
Layout
Copper Area
Thermal Resistance
Top Sice (in2)(1)
Bottom Side (in2)
(
θJA, °C/W) TO-252
1
0.0123
0
103
2
0.066
0
87
3
0.3
0
60
4
0.53
0
54
5
0.76
0
52
6
1
0
47
7
0
0.2
84
8
0
0.4
70
9
0
0.6
63
10
0
0.8
57
11
0
1
57
12
0.066
0.066
89
13
0.175
0.175
72
14
0.284
0.284
61
15
0.392
0.392
55
16
0.5
0.5
53
(1)
Tab of device attached to topside copper
Figure 16.
θJA vs. 2oz Copper Area for TO-252
Figure 17. Maximum Allowable Power Dissipation vs. Ambient Temperature for TO-252
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM341/LM78MXX


同様の部品番号 - LM78M05CDTX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM78M05CDTX TI-LM78M05CDTX Datasheet
1Mb / 18P
[Old version datasheet]   Output Current in Excess of 0.5A, No External Components
LM78M05CDTX TI-LM78M05CDTX Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM78M05CDTX TI1-LM78M05CDTX Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
LM78M05CDTX/NOPB TI-LM78M05CDTX/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM78M05CDTX/NOPB TI1-LM78M05CDTX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
More results

同様の説明 - LM78M05CDTX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com